Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5952 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP5952
Description  LP5952 350-mA Dual-Rail Linear Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5952 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP5952 Datasheet HTML 7Page - Texas Instruments LP5952 Datasheet HTML 8Page - Texas Instruments LP5952 Datasheet HTML 9Page - Texas Instruments LP5952 Datasheet HTML 10Page - Texas Instruments LP5952 Datasheet HTML 11Page - Texas Instruments LP5952 Datasheet HTML 12Page - Texas Instruments LP5952 Datasheet HTML 13Page - Texas Instruments LP5952 Datasheet HTML 14Page - Texas Instruments LP5952 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LP5952
www.ti.com
SNVS469F – OCTOBER 2006 – REVISED DECEMBER 2015
Feature Description (continued)
7.3.4 Short-Circuit Protection
The LP5952 is short-circuit protected and, in the event of a peak overcurrent condition, the output current
through the NFET pass device is limited.
If the overcurrent condition exists for a longer time, the average power dissipation increases depending on the
input-to-output voltage difference until the thermal shutdown circuitry turns the NFET off. Refer to Power
Dissipation and Device Operation for power dissipation calculations.
7.3.5 Thermal-Overload Protection
Thermal-overload protection limits the total power dissipation in the LP5952. When the junction temperature
exceeds TJ = 165°C typical, the shutdown logic is triggered, and the NFET is turned off, allowing the device to
cool down. After the junction temperature dropped by 20°C (temperature hysteresis) typical, the NFET is
activated again. This results in a pulsed output voltage during continuous thermal-overload conditions.
The thermal-overload protection is designed to protect the LP5952 in the event of a fault condition. For normal
continuous operation, do not exceed the absolute maximum junction temperature rating of TJ = 150°C (see
Absolute Maximum Ratings).
7.3.6 Reverse Current Path
The internal NFET pass device in LP5952 has an inherent parasitic body diode. During normal operation, the
input voltage is higher than the output voltage, and the parasitic diode is reverse biased. However, if the output is
pulled above the input in an application, the current flows from the output to the input as the parasitic diode gets
forward biased. The output can be pulled above the input as long as the current in the parasitic diode is limited to
50 mA. For currents above this limit an external Schottky diode must be connected from VOUT to VIN (cathode on
VIN, anode on VOUT).
7.4 Device Functional Modes
7.4.1 Enable Operation
The LP5952 may be switched to an ON or OFF state by a logic input at the EN pin, VEN. A logic high at this pin
turns the device on. When the enable pin is low, the regulator output is off, and the device typically consumes
0.1 µA.
If the application does not require the enable switching feature, the EN pin must be tied to VBATT to keep the
regulator output permanently on.
To ensure proper operation, the signal source used to drive the EN input must be able to swing above and below
the specified turnon and turnoff voltage thresholds shown in VIL and VIH in Electrical Characteristics: Enable
Control.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP5952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com