Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5952 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP5952
Description  LP5952 350-mA Dual-Rail Linear Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5952 Datasheet(HTML) 5 Page - Texas Instruments

  LP5952 Datasheet HTML 1Page - Texas Instruments LP5952 Datasheet HTML 2Page - Texas Instruments LP5952 Datasheet HTML 3Page - Texas Instruments LP5952 Datasheet HTML 4Page - Texas Instruments LP5952 Datasheet HTML 5Page - Texas Instruments LP5952 Datasheet HTML 6Page - Texas Instruments LP5952 Datasheet HTML 7Page - Texas Instruments LP5952 Datasheet HTML 8Page - Texas Instruments LP5952 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LP5952
www.ti.com
SNVS469F – OCTOBER 2006 – REVISED DECEMBER 2015
6.4 Thermal Information
LP5952
THERMAL METRIC(1)
YZR (DSBGA)
NKH (USON)
UNIT
5 PINS
6 PINS
RθJA
Junction-to-ambient thermal resistance(2)
181.0
181.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.9
93.1
°C/W
RθJB
Junction-to-board thermal resistance
110.3
116.7
°C/W
ψJT
Junction-to-top characterization parameter
7.4
8.0
°C/W
ψJB
Junction-to-board characterization parameter
110.3
116.7
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power
dissipation exists, special attention must be paid to thermal dissipation issues in board design.
6.5 Electrical Characteristics
Unless otherwise noted, typical values are for TA = 25°C, and minimum and maximum limits apply over the full operating
temperature range: –40°C
≤ TJ ≤ +125°C; specifications apply to the Typical Application Circuit with VIN = VOUT(NOM) + 1 V,
VBATT = VOUT(NOM) + 1.5 V or 2.5 V (whichever is higher), IOUT = 1 mA, CVIN = 1 µF, COUT = 2.2 µF, VEN = VBATT.
(1) (2) (3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN = VOUT(NOM) + 0.3 V, TA = 25°C
–1.5
1.5
ΔVOUT / VOUT
Output voltage tolerance
VIN = VOUT(NOM) + 0.3 V
2
2
VIN = VOUT(NOM) + 0.3 V to 4.5 V, VBATT =
1
0.3
1
mV/V
ΔVOUT / ΔVIN
4.5 V
Line regulation error
ΔVOUT /
VBATT = VOUT(NOM) + 1.5 V (≥ 2.5 V) to 5.5
2.2
2.2
0.5
ΔVBATT
V
DSBGA
30
IOUT = 1 mA to 350 mA
15
30
µV/mA
package
ΔVOUT / ΔmA
Load regulation error
USON
60
IOUT = 1 mA to 350 mA
43
60
µV/mA
package
Output current (short
VOUT = 0 V, VEN = VIN = VBATT = VOUT(NOM)
ISC
350
500
mA
circuit)
+ 1.5 V
IOUT = 350 mA, VIN =
DSBGA
1.07
1.5
V
VOUT(NOM) + 0.3 V
package
IOUT = 350 mA
USON
1.08
1.5
V
VIN = VOUT(NOM) + 0.3 V
package
VDO_VBATT
Output voltage dropout
(4)
VBATT
(5)
IOUT = 150 mA
DSBGA
0.96
1.3
V
VIN = VOUT(NOM) + 0.3 V
package
IOUT = 150 mA
USON
0.97
1.3
V
VIN = VOUT(NOM) + 0.3 V
package
IOUT = 350 mA
DSBGA
VBATT = VOUT(NOM) + 1.5 V
88
200
mV
package
or 2.5 V
Output voltage dropout
VDO_VIN
VIN
IOUT = 350 mA
USON
VBATT = VOUT(NOM) + 1.5 V
128
250
mV
package
or 2.5 V
EN
Output noise
10 Hz to 100 kHz
100
µVRMS
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Minimum and maximum limits are ensured by design, test, or statistical analysis. Typical numbers are not ensured, but do represent the
most likely norm. Unless otherwise specified, conditions for typical specifications are: VIN = VOUT(NOM) + 1 V, VBATT = VOUT(NOM) + 1.5 V
or 2.5 V, whichever is higher, TA = 25°C.
(3)
VOUT(NOM) is the stated output voltage option
(4)
This specification does not apply if the battery voltage VBATT needs to be decreased below the minimum operating limit of 2.5 V during
this test.
(5)
Dropout voltage is defined as the input to output voltage differential at which the output voltage falls to 100mV below the nominal output
voltage.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP5952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com