Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5952 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP5952
Description  LP5952 350-mA Dual-Rail Linear Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5952 Datasheet(HTML) 1 Page - Texas Instruments

  LP5952 Datasheet HTML 1Page - Texas Instruments LP5952 Datasheet HTML 2Page - Texas Instruments LP5952 Datasheet HTML 3Page - Texas Instruments LP5952 Datasheet HTML 4Page - Texas Instruments LP5952 Datasheet HTML 5Page - Texas Instruments LP5952 Datasheet HTML 6Page - Texas Instruments LP5952 Datasheet HTML 7Page - Texas Instruments LP5952 Datasheet HTML 8Page - Texas Instruments LP5952 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
VBATT: 2.7 V to 5.5 V
IN
OUT
GND
EN
For example,
1.5 V
1 PF
BATT
LP5952
Pre-
regulator
Li-Ion
or
3-cell
NiMh/NiCd
2.2 PF
For example, 1.2 V
A1
B2
C3
A3
C1
Load
0 to 350 mA
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LP5952
SNVS469F – OCTOBER 2006 – REVISED DECEMBER 2015
LP5952 350-mA Dual-Rail Linear Regulator
1 Features
3 Description
The LP5952 is a dual-supply-rail linear regulator
1
•
Input Voltage Range: 0.7 V to 4.5 V
optimized for powering ultralow-voltage circuits from a
•
2.5 V
≤ VBATT ≤ 5.5 V
single Li-Ion cell or 3-cell NiMH/NiCd battery.
•
0.5V
≤ VOUT ≤ 2 V
In the typical post-regulation application VBATT is
•
Ensured 350-mA Output Current
directly connected to the battery (range 2.5 V to
•
For ILOAD = 350 mA:
5.5 V), and VIN is supplied by the output voltage of
the DC-DC converter (range 0.7 V to 4.5 V).
–
VBATT ≥ VOUT(NOM) + 1.5 V or 2.5 V
(Whichever is Higher)
The device offers superior dropout and transient
•
For ILOAD = 150 mA:
features combined with very low quiescent currents.
In shutdown mode (Enable (EN) pin pulled low) the
–
VBATT ≥ VOUT(NOM) + 1.3 V or 2.5 V
device turns off and reduces battery consumption to
(Whichever is Higher)
0.1 µA (typical). The LP5952 also features internal
•
Excellent Load Transient Response: ±15 mV
protection against overtemperature, overcurrent, and
Typical
undervoltage conditions.
•
Excellent Line Transient Response: ±1 mV Typical
Depending upon application, only one or two tiny
•
50-µA Typical Quiescent Current from VBATT
surface-mount external components are required;
performance is specified for a –40°C to +125°C
•
10-µA Typical Quiescent Current from VIN
junction temperature range. The device is available in
•
0.1-µA Typical Quiescent Current in Shutdown
fixed output voltages from 0.5 V to 2 V. For
•
Noise voltage = 100 µVRMS Typical
availability,
please
contact
your
local
Texas
•
Operates from a Single Li-Ion Cell or 3-Cell
Instruments sales office.
NiMH/NiCd Battery
Device Information(1)
•
Thermal-Overload and Short-Circuit Protection
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DSBGA (5)
1.326 mm × 0.96 mm
2 Applications
LP5952
USON (6)
2.00 mm × 2.00 mm
•
Mobile Phones
(1) For all available packages, see the orderable addendum at
•
Hand-Held Radios
the end of the data sheet.
•
Personal Digital Assistants
•
Palm-Top PCs
•
Portable Instruments
•
Battery-Powered Devices
Typical Application Circuit
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP5952

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5952 NSC-LP5952 Datasheet
3Mb / 16P
350mA Dual Rail Linear Regulator
logo
Texas Instruments
LP5952 TI1-LP5952 Datasheet
1Mb / 29P
High-Side OR-ing FET Controller
LP5952LC-1.2/NOPB TI1-LP5952LC-1.2/NOPB Datasheet
1Mb / 29P
High-Side OR-ing FET Controller
LP5952LC-1.3/NOPB TI1-LP5952LC-1.3/NOPB Datasheet
1Mb / 29P
High-Side OR-ing FET Controller
LP5952LC-1.5/NOPB TI1-LP5952LC-1.5/NOPB Datasheet
1Mb / 29P
High-Side OR-ing FET Controller
More results

Similar Description - LP5952

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5500 ONSEMI-NCP5500 Datasheet
137Kb / 9P
500 mA Linear Regulator
June, 2006 ??Rev. 3
logo
Analog Devices
ADP130 AD-ADP130 Datasheet
491Kb / 20P
350 mA, Low VIN, Low Quiescent Current, CMOS Linear Regulator
REV. 0
logo
National Semiconductor ...
LP5952 NSC-LP5952_08 Datasheet
3Mb / 16P
350mA Dual Rail Linear Regulator
logo
ON Semiconductor
NCP4671DSN09T1G ONSEMI-NCP4671DSN09T1G Datasheet
1Mb / 23P
400 mA, Dual Rail Ultra Low Dropout Linear Regulator
February, 2012 ??Rev. 2
logo
STMicroelectronics
PM6644 STMICROELECTRONICS-PM6644 Datasheet
2Mb / 35P
350 mA adjustable step-down regulator
19-Jun-2012
logo
Texas Instruments
LP5952 TI1-LP5952_14 Datasheet
1Mb / 27P
350mA Dual Rail Linear Regulator
logo
ON Semiconductor
NCP4671 ONSEMI-NCP4671 Datasheet
1Mb / 23P
400 mA, Dual Rail Ultra Low Dropout Linear Regulator
February, 2012 ??Rev. 2
logo
Texas Instruments
LP5952 TI-LP5952_15 Datasheet
1Mb / 22P
350mA Dual Rail Linear Regulator
logo
ams AG
AS1372 AMSCO-AS1372 Datasheet
855Kb / 14P
350mA Dual Rail Linear Regulator
logo
ON Semiconductor
NCV59748 ONSEMI-NCV59748_17 Datasheet
200Kb / 11P
Dual-Rail Very Low?륞ropout Linear Regulator
February, 2017 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com