Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5952 Datasheet(PDF) 15 Page - Texas Instruments

Part # LP5952
Description  LP5952 350-mA Dual-Rail Linear Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5952 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP5952 Datasheet HTML 11Page - Texas Instruments LP5952 Datasheet HTML 12Page - Texas Instruments LP5952 Datasheet HTML 13Page - Texas Instruments LP5952 Datasheet HTML 14Page - Texas Instruments LP5952 Datasheet HTML 15Page - Texas Instruments LP5952 Datasheet HTML 16Page - Texas Instruments LP5952 Datasheet HTML 17Page - Texas Instruments LP5952 Datasheet HTML 18Page - Texas Instruments LP5952 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
VIN - VOUT (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
50
100
150
200
250
300
350
D001
DSBGA
USON
LP5952
www.ti.com
SNVS469F – OCTOBER 2006 – REVISED DECEMBER 2015
This establishes the relationship between the power dissipation allowed due to thermal consideration, the voltage
drop across the device, and the continuous current capability of the device. Equation 1 and Equation 2 must be
used to determine the optimum operating conditions for the device in any application. As an example, to keep full
load current capability of 350 mA for a 1.5-V output voltage option at a high ambient temperature of 85°C, VIN
has to be kept
≤ 2.1 V (for DSBGA package):
VIN ≤ PD / IOUT + VOUT = 221 mW / 350 mA + 1.5 V = 2.1 V
(3)
Figure 11 shows the output current derating due to these considerations:
TA = 85°C
VOUT = 1.5 V
RθJA(DSBGA) = 181°C/W
RθJA(USON) = 181.6°C/W
Figure 11. Maximum Load Current vs VIN – VOUT
The typical contribution of the bias input voltage supply VBATT to the power dissipation can be neglected
(Equation 4):
PD_VBATT = VBATT × IQVBATT = 5.5 V × 50 µA = 0.275 mW typical
(4)
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LP5952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com