Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5952 Datasheet(PDF) 13 Page - Texas Instruments

Part # LP5952
Description  LP5952 350-mA Dual-Rail Linear Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5952 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP5952 Datasheet HTML 9Page - Texas Instruments LP5952 Datasheet HTML 10Page - Texas Instruments LP5952 Datasheet HTML 11Page - Texas Instruments LP5952 Datasheet HTML 12Page - Texas Instruments LP5952 Datasheet HTML 13Page - Texas Instruments LP5952 Datasheet HTML 14Page - Texas Instruments LP5952 Datasheet HTML 15Page - Texas Instruments LP5952 Datasheet HTML 16Page - Texas Instruments LP5952 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LP5952
www.ti.com
SNVS469F – OCTOBER 2006 – REVISED DECEMBER 2015
This capacitor must be located a distance of not more than 1 cm from the IN pin and returned to a clean analog
ground. Any good quality ceramic, tantalum, or film capacitor may be used at the input.
A capacitor at VBATT is not required if the distance to the supply does not exceed 5 cm.
If the device is used in the typical application as post regulator after a DC-DC regulator, no input capacitors are
required — the capacitors of the DC-DC regulator (CIN and COUT) are sufficient if both components are mounted
close to each other and a proper GND plane is used. If the distance between the output capacitor of the DC-DC
regulator and the IN pin of the LP5952 is larger than 5 cm, adding an input capacitor at VIN is recommended.
NOTE
Important: Tantalum capacitors can suffer catastrophic failures due to surge current
when connected to a low-impedance source of power (like a battery or a very large
capacitor). If a tantalum capacitor is used at the input, it must be ensured by the
manufacturer to have a surge current rating sufficient for the application.
The equivalent series resistance (ESR) of the input capacitor should be in the range of 3 m
Ω to 300 mΩ. The
tolerance and temperature coefficient must be considered when selecting the capacitor to ensure the
capacitance remains
≥ 470 nF over the entire operating temperature range.
8.2.1.2.3
Output Capacitor
The LP5952 is designed specifically to work with very small ceramic output capacitors. A ceramic capacitor
(dielectric types X7R, Z5U, or Y5V) in the 2.2-µF range (up to 10 µF) and with an ESR between 3 m
Ω to 300 mΩ
is suitable as COUT in the LP5952 application circuit.
This capacitor must be located a distance of not more than 1 cm from the OUT pin and returned to a clean
analog ground.
It is also possible to use tantalum or film capacitors at the device output, VOUT, but these are not as attractive for
reasons of size and cost (see Capacitor Characteristics).
8.2.1.2.4
Capacitor Characteristics
The LP5952 is designed to work with ceramic capacitors on the output to take advantage of the benefits they
offer. For capacitance values in the 1-µF to 4.7-µF range, ceramic capacitors are the smallest, least expensive
and have the lowest ESR values, thus making them best for eliminating high-frequency noise. The ESR of a
typical 1-µF ceramic capacitor is in the range of 3 m
Ω to 40 mΩ, which easily meets the ESR requirement for
stability for the LP5952.
For both input and output capacitors, careful interpretation of the capacitor specification is required to ensure
correct device operation. The capacitor value can change greatly, depending on the operating conditions and
capacitor type.
In particular, the output capacitor selection must take account of all the capacitor parameters, to ensure that the
specification is met within the application. The capacitance can vary with DC bias conditions as well as
temperature and frequency of operation. Capacitor values show some decrease over time due to aging. The
capacitor parameters are also dependant on the particular case size, with smaller sizes giving poorer
performance figures in general. Figure 10 shows a typical graph comparing different capacitor case sizes in a
capacitance vs. DC Bias plot. As shown Figure 10, increasing the DC-bias condition can result in the capacitance
value falling below the minimum value given in Input and Output Capacitors (Recommended) (0.47 µF or 1.5 µF
in this case). The graph shows the capacitance out of specification for the 0402 case size capacitor at higher
bias voltages. It is therefore recommended that the capacitor-manufacturer specifications for the nominal value
capacitor are consulted for all conditions, as some capacitor sizes (such as 0402) may not be suitable in the
actual application.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP5952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com