Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5952 Datasheet(PDF) 8 Page - Texas Instruments

Part # LP5952
Description  LP5952 350-mA Dual-Rail Linear Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5952 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP5952 Datasheet HTML 4Page - Texas Instruments LP5952 Datasheet HTML 5Page - Texas Instruments LP5952 Datasheet HTML 6Page - Texas Instruments LP5952 Datasheet HTML 7Page - Texas Instruments LP5952 Datasheet HTML 8Page - Texas Instruments LP5952 Datasheet HTML 9Page - Texas Instruments LP5952 Datasheet HTML 10Page - Texas Instruments LP5952 Datasheet HTML 11Page - Texas Instruments LP5952 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
2.5
3.0
3.5
4.0
4.5
5.0
5.5
60
70
80
90
100
50
40
30
20
VBATT /VIN (V)
2.0
6.0
TA = 125°C
TA = 25°C
TA = -40°C
ILOAD = 0
LOAD CURRENT (mA)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
50
60
70
80
90
40
30
20
10
VBATT (V)
2.0
6.0
TA = 125°C
TA = 25°C
TA = -40°C
ILOAD = 0
TIME (10 Ps/DIV)
0
0
0
-40
-20
0
20
40
60
80
100 120
100
110
120
130
140
90
80
70
60
TEMPERATURE (°C)
TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100 120
0.0
0.1
0.2
0.3
0.4
-0.1
-0.2
-0.3
-0.4
LP5952
SNVS469F – OCTOBER 2006 – REVISED DECEMBER 2015
www.ti.com
6.12 Typical Characteristics
Unless otherwise specified, TA = 25°C, CIN = 1-µF ceramic, COUT = 2.2-µF ceramic, VIN = VOUT(NOM) + 1 V, VBATT = VOUT(NOM) +
1.5 V, EN pin is tied to VBATT (DSBGA package).
ILOAD = 350 mA
Figure 1. Output Voltage Change vs Temperature
Figure 2. Dropout VIN vs Temperature
1.5-V Option
Figure 3. Inrush Current VIN
Figure 4. Quiescent Current IQ_VBATT vs VBATT
Figure 5. Ground Current vs VBATT / VIN
Figure 6. Ground Current vs Load Current
8
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LP5952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com