Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5952 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP5952
Description  High-Side OR-ing FET Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5952 Datasheet(HTML) 5 Page - Texas Instruments

  LP5952 Datasheet HTML 1Page - Texas Instruments LP5952 Datasheet HTML 2Page - Texas Instruments LP5952 Datasheet HTML 3Page - Texas Instruments LP5952 Datasheet HTML 4Page - Texas Instruments LP5952 Datasheet HTML 5Page - Texas Instruments LP5952 Datasheet HTML 6Page - Texas Instruments LP5952 Datasheet HTML 7Page - Texas Instruments LP5952 Datasheet HTML 8Page - Texas Instruments LP5952 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LM5050-1, LM5050-1-Q1
www.ti.com
SNVS629E – MAY 2011 – REVISED DECEMBER 2015
Thermal Information (continued)
LM5050-1/-Q1
THERMAL METRIC(1)
DDC (SOT)
UNIT
6 PINS
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
6.6 Electrical Characteristics
Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless
otherwise stated the following conditions apply: VIN = 12 V, VVS = VIN, VOUT = VIN, VOFF = 0 V, CGATE= 47 nF, and TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VS PIN
Operating
VVS
Supply Voltage
TJ = –40°C to 125°C
5
75
V
Range
TJ = 25°C
75
VVS= 5 V, VIN = 5 V
VOUT = VIN - 100 mV
TJ = –40°C to 125°C
105
TJ = 25°C
100
Operating
VVS= 12 V, VIN = 12 V
IVS
μA
Supply Current
VOUT = VIN - 100 mV
TJ = –40°C to 125°C
147
TJ = 25°C
130
VVS= 75 V, VIN = 75 V
VOUT = VIN - 100 mV
TJ = –40°C to 125°C
288
IN PIN
Operating Input
VIN
TJ = –40°C to 125°C
5
75
V
Voltage Range
VIN = 5 V
TJ = 25°C
190
VVS= VIN
VOUT = VIN - 100 mV
TJ = –40°C to 125°C
32
305
GATE = Open
IIN
IN Pin current
μA
TJ = 25°C
320
VIN = 12 V to 75 V
VVS= VIN
LM5050MK-1,
TJ = –40°C to 125°C
233
400
VOUT = VIN - 100 mV
LM5050Q1MK-1
GATE = Open
TJ = –40°C to 125°C
LM5050Q0MK-1
233
475
OUT PIN
Operating
VOUT
Output Voltage
TJ = –40°C to 125°C
5
75
V
Range
VIN = 5 V to 75 V
TJ = 25°C
3.2
IOUT
OUT Pin Current VVS= VIN
µA
TJ = –40°C to 125°C
8
VOUT = VIN - 100 mV
GATE PIN
VIN = 5 V
TJ = 25°C
30
VVS = VIN
VGATE = VIN
TJ = –40°C to 125°C
12
41
VOUT = VIN - 175 mV
Gate Pin Source
IGATE(ON)
µA
Current
VIN = 12 V to 75 V
TJ = 25°C
32
VVS = VIN
VGATE = VIN
TJ = –40°C to 125°C
20
41
VOUT = VIN - 175 mV
VIN = 5 V
TJ = 25°C
7
VVS = VIN
VGATE - VIN in
TJ = –40°C to 125°C
4
9
VOUT = VIN - 175 mV
VGS
Forward
V
VIN = 12 V to 75 V
TJ = 25°C
12
Operation(1)
VVS = VIN
TJ = –40°C to 125°C
9
14
VOUT = VIN - 175 mV
(1)
Measurement of VGS voltage (that is. VGATE - VIN) includes 1 MΩ in parallel with CGATE.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM5050-1 LM5050-1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com