Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP693AEN Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP693AEN
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP693AEN Datasheet(HTML) 1 Page - Sipex Corporation

  SP693AEN Datasheet HTML 1Page - Sipex Corporation SP693AEN Datasheet HTML 2Page - Sipex Corporation SP693AEN Datasheet HTML 3Page - Sipex Corporation SP693AEN Datasheet HTML 4Page - Sipex Corporation SP693AEN Datasheet HTML 5Page - Sipex Corporation SP693AEN Datasheet HTML 6Page - Sipex Corporation SP693AEN Datasheet HTML 7Page - Sipex Corporation SP693AEN Datasheet HTML 8Page - Sipex Corporation SP693AEN Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Date: 5/25/04
SP691A/693A/800L/800M Low Power Microprocessor Supervisor with Battery Switch-Over © Copyright 2004 Sipex Corporation
1
Low Power Microprocessor Supervisory
with Battery Switch-Over
SP691A/693A/800L/800M
The SP691A/693A/800L/800M is a microprocessor (µP) supervisory circuit that integrates
a myriad of components involved in discrete solutions to monitor power-supply and
battery-control functions in µP and digital systems. The SP691A/693A/800L/800M offers
complete µP monitoring and watchdog functions. The SP691A/693A/800L/800M is ideal for
a low-cost battery management solution and is well suited for portable, battery-powered
applications with its supply current of 35µA. The 6ns chip-enable propagation delay,
the 25mA current output in battery-backup mode, and the 250mA current output in
standard operation also makes the SP691A/693A/800L/800M suitable for larger scale,
high-performance equipment.
■ Precision 4.65V/4.40V Voltage Monitoring
■ 200ms Or Adjustable Reset Time
■ 100ms, 1.6s Or Adjustable Watchdog Time
■ 60µA Maximum Operating Supply Current
■ 2.0µA Maximum Battery Backup Current
■ 0.1µA Maximum Battery Standby Current
■ Power Switching
250mA Output in Vcc Mode (0.6Ω)
25mA Output in Battery Mode (5Ω)
■ On-Board Gating of Chip-Enable Signals
Memory Write-Cycle Completion
6ns CE Gate Propagation Delay
■ Voltage Monitor for Power-Fail or Low Battery
■ Backup-Battery Monitor
■ RESET Valid to Vcc=1V
■ 1% Accuracy Guaranteed (SP800L/800M)
■ Pin Compatible Upgrade to MAX691A/693A/
800L/800M
r
e
b
m
u
N
t
r
a
Pd
l
o
h
s
e
r
h
T
T
E
S
E
Ry
c
a
r
u
c
c
A
T
E
S
E
Ry
c
a
r
u
c
c
A
I
F
Ph
c
t
i
w
S
y
r
e
t
t
a
B
-
p
u
k
c
a
B
A
1
9
6
P
SV
5
6
.
4+
V
m
5
2
1+ %
4S
E
Y
A
3
9
6
P
SV
0
4
.
4+
V
m
5
2
1+ %
4S
E
Y
L
0
0
8
P
SV
5
6
.
4+
V
m
0
5+ %
1S
E
Y
M
0
0
8
P
SV
0
4
.
4+
V
m
0
5+ %
1S
E
Y
SIGNAL PROCESSING EXCELLENCE
DESCRIPTION
FEATURES
VBATT
VOUT
Vcc
GND
BATT ON
PFO
PFI
OSCIN
RESET
WDO
CEIN
CEOUT
WDI
LOWLINE
16
DIP/SO
TOP VIEW
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Corporation
RESET
OSCSEL
Now Available in Lead Free Packaging


Similar Part No. - SP693AEN

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP693AEN SIPEX-SP693AEN Datasheet
242Kb / 24P
Low Power Microprocessor Supervisory with Battery Switch-Over
logo
Exar Corporation
SP693AEN EXAR-SP693AEN Datasheet
237Kb / 24P
Low Power Microprocessor Supervisory
logo
Sipex Corporation
SP693AEN/TR SIPEX-SP693AEN/TR Datasheet
242Kb / 24P
Low Power Microprocessor Supervisory with Battery Switch-Over
logo
Exar Corporation
SP693AEN/TR EXAR-SP693AEN/TR Datasheet
237Kb / 24P
Low Power Microprocessor Supervisory
More results

Similar Description - SP693AEN

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP690A SIPEX-SP690A Datasheet
631Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP690T SIPEX-SP690T Datasheet
233Kb / 20P
3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
SP703 SIPEX-SP703 Datasheet
216Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP791 SIPEX-SP791 Datasheet
202Kb / 19P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP690A SIPEX-SP690A Datasheet
631Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP703 SIPEX-SP703 Datasheet
216Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP791 SIPEX-SP791 Datasheet
202Kb / 19P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP690A SIPEX-SP690A_04 Datasheet
411Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP691A SIPEX-SP691A_05 Datasheet
242Kb / 24P
Low Power Microprocessor Supervisory with Battery Switch-Over
SP791CN-L SIPEX-SP791CN-L Datasheet
219Kb / 19P
Low Power Microprocessor Supervisory with Battery Switch-Over
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com