Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7217 Datasheet(PDF) 2 Page - LSI Computer Systems

Part # LS7217
Description  PHOTO CONTROLLED OUTDOOR LIGHTING WITH PROGRAMMABLE TIMER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7217 Datasheet(HTML) 2 Page - LSI Computer Systems

  LS7217_14 Datasheet HTML 1Page - LSI Computer Systems LS7217_14 Datasheet HTML 2Page - LSI Computer Systems LS7217_14 Datasheet HTML 3Page - LSI Computer Systems LS7217_14 Datasheet HTML 4Page - LSI Computer Systems LS7217_14 Datasheet HTML 5Page - LSI Computer Systems LS7217_14 Datasheet HTML 6Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
 
NOTE1: This application circuit can be used for lighting control of public spaces such as
Parking Lots, Billboards, street lamps etc.
NOTE2: Indicated connections of pins 4 and 5 keep the lamp on from dusk to dawn. See page 1
for configuring pins 4 and 5 connections to select 4, 6 or 8 hours on-time.
FIGURE 2. DUSK TO DAWN AUTO ON/OFF OUTDOOR LIGHTING APPLICATION
R1=68k
Ω, 1/2W, @120VAC
R1=240k
Ω, 1/2W, @240VAC
R2=6.8k
Ω, 2W, @120VAC
R2=27k
Ω, 2W, @240VAC
R3=4.7k
Ω, 2W, @120VAC
R4=680k
Ω, 2W, @240VAC
R4=1M
Ω, 2W, @120VAC
R5, R6=As needed for driving relay
R7=100k
Ω, 1/4W Potentiometer
R8=18k
Ω, 1/4W
R9=4.3k
Ω, 1/4W
C1=0.33uF, 200VAC, @120VAC
C1=0.2uF, 400VAC, @240VAC
C2=470uF, 25V
C3=0.1uF
C4=470pF
Z=15V Zener, 1W
D=DF04
D1=1N4148
Q1=2N5845
LOAD=Incandescent, LED, fluorescent or HID
lamp
7217-092214-2
**For the photo-sensitive device use either LDR, R10=Silonex NSL-19M51 or use
Photo-transistor, Q2=Vishay TEPT 4400.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com