Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7217 Datasheet(PDF) 3 Page - LSI Computer Systems

Part # LS7217
Description  PHOTO CONTROLLED OUTDOOR LIGHTING WITH PROGRAMMABLE TIMER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7217 Datasheet(HTML) 3 Page - LSI Computer Systems

  LS7217_14 Datasheet HTML 1Page - LSI Computer Systems LS7217_14 Datasheet HTML 2Page - LSI Computer Systems LS7217_14 Datasheet HTML 3Page - LSI Computer Systems LS7217_14 Datasheet HTML 4Page - LSI Computer Systems LS7217_14 Datasheet HTML 5Page - LSI Computer Systems LS7217_14 Datasheet HTML 6Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ABSOLUTE MAXIMUM RATINGS: (All voltages referenced to VSS)
SYMBOL
VALUE
UNIT
DC Supply Voltage
VDD
+8
V
Voltage (Any Pin)
VIN
VSS - 0.3 to VDD + 0.3
V
Operating Temperature
TA
-20 to +85
°C
Storage Temperature
TSTG
-40 to +150
°C
DC ELECTRICAL CHARACERISTICS:
(
TA = 25°C, VDD = 6.0V unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
TS1, TS2 Low
TLO
-
-
1.4
V
TS1, TS2 High
THI
3.0
-
-
V
50/60 Hz Low
VHZL
-
-
2.9
V
50/60 Hz High
VHZH
4.4
-
-
V
Photo
Light Threshold
VIT
3.5
-
-
V
Dark Threshold
VET
-
2.9
V
Input Current
(All inputs high)
50Hz/60Hz Select ]
IIH
-24
-
mA
TS1, TS2
]
RELAY Output Current
Sourcing, VO = 0.7V
IOH
4.0
-
-
mA
Sinking, VO = 0.4V
IO
L
-50
-
-
uA
7217-080113-3
The information included herein is believed to be
accurate and reliable. However, LSI Computer Systems,
Inc. assumes no responsibilities for inaccuracies, or for
any infringements of patent rights of others which may
result from its use.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com