Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7217 Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LS7217
Description  PHOTO CONTROLLED OUTDOOR LIGHTING WITH PROGRAMMABLE TIMER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7217 Datasheet(HTML) 1 Page - LSI Computer Systems

  LS7217_14 Datasheet HTML 1Page - LSI Computer Systems LS7217_14 Datasheet HTML 2Page - LSI Computer Systems LS7217_14 Datasheet HTML 3Page - LSI Computer Systems LS7217_14 Datasheet HTML 4Page - LSI Computer Systems LS7217_14 Datasheet HTML 5Page - LSI Computer Systems LS7217_14 Datasheet HTML 6Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LSI/CSI
FEATURES:
• Input interface to a LDR or a photo transistor
• Programmable Duration Selection
• Shunt regulator
• 50Hz / 60Hz time base selection
• Relay Driver output
• 6.0V ± 0.75V operating voltage range (VDD – VSS)
• LS7217 (DIP), LS7217-S (SOIC) – See Figure 1
APPLICATIONS
Lighting control for outdoor area lighting, street lighting, parking lot
lighting, billboards lighting
DESCRIPTION
The 7217 is a programmable Timer IC designed to turn on a relay at
night and turn off the relay at dawn or after a selectable number of
hours. Figure 2 shows a typical application schematic.
PIN DESCRIPTION:
The following describes the operation of the inputs and outputs of the
IC.
VDD (Pin 2)
VDD is the supply voltage positive terminal. It is regulated internally in
the IC. The internal voltage regulator produces 6.0V
± 0.75V.
VSS (Pin 6)
VSS is the supply voltage negative terminal.
50Hz / 60Hz SELECT Input (Pin 8)
A high at this input selects the correct timing for 50Hz operation.
Floating this input selects the correct timing for 60Hz operation. A
low at this input places the LS7217 into Test Mode where the
timeouts are accelerated by a factor of 60.
50Hz / 60Hz Input (Pin 7)
This input is the clock source for all timing functions. This input has a
Schmitt trigger to ensure a clean internal clock waveform.
TIME SELECT Inputs TS1, TS2 (Pins 4, 5)
The two Select inputs determine the time duration that the Relay
output stays on after the photo input goes low. Both inputs have
internal pull-down transistors so that float is logic zero and
connection to VDD is logic 1.
The Time Select Table is as follows:
TS1
TS2
Time Duration
0
0
4 Hours
0
1
6 Hours
1
0
8 Hours
1
1
Dusk-to-Dawn
Dusk-to-Dawn duration is determined solely by the photo-cell; i.e.,
the Relay output is on whenever the photocell recognizes an ambient
dark condition.
PHOTO Input (Pin 3)
The photo input has hysteresis for a positive trip point. The input will
work with a Light Dependent Resistor (LDR) or a photo-transistor
connected between the input and VDD. The photo device has low
impedance in the presence of ambient light and high impedance in
the presence of ambient darkness.
The IC is configured so that the detection of a light condition must
remain for 6.0 seconds (
± 0.5 seconds) continuously in order to be
recognized as a valid light condition. A dark condition must
remain for 1.0 second (
± 0.25 seconds) continuously in order to be
recognized as a valid dark condition.
RELAY Output (Pin 1)
This output is configured to drive the base of an external NPN
transistor (see Figure 2). A valid dark condition at the PHOTO input
causes the RELAY output to switch high and a valid light condition at
the PHOTO input causes the output to switch low.
 
LSI Computer Systems, Inc. 1235 Walt Whitman Road, Melville, NY 11747 (631)271-0400
FAX (631) 271-0405
LS7217
Sep2014
FIGURE 1
PIN ASSIGNMENT
7217-091814-1
                           
PHOTO CONTROLLED OUTDOOR LIGHTING WITH PROGRAMMABLE TIMER


Similar Part No. - LS7217_14

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7217 LSI-LS7217 Datasheet
177Kb / 3P
PROGRAMMABLE LIGHT-ACTIVATED TIMER
More results

Similar Description - LS7217_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14541B ONSEMI-MC14541B Datasheet
195Kb / 8P
Programmable Timer
March, 2000 ??Rev. 6
logo
NXP Semiconductors
74HC5555 PHILIPS-74HC5555 Datasheet
142Kb / 23P
Programmable delay timer with oscillator
September 1993
HEF4541B PHILIPS-HEF4541B Datasheet
144Kb / 8P
Programmable timer
January 1995
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC_02 Datasheet
86Kb / 8P
Programmable Timer
logo
NXP Semiconductors
74HC5555D-T NXP-74HC5555D-T Datasheet
100Kb / 23P
Programmable delay timer with oscillator
September 1993
logo
OSRAM GmbH
GWMAEGB1.EM OSRAM-GWMAEGB1.EM Datasheet
744Kb / 19P
Outdoor lighting
GWP9LR31.PM OSRAM-GWP9LR31.PM Datasheet
1Mb / 24P
Outdoor lighting
GWP9LT31.PM OSRAM-GWP9LT31.PM Datasheet
2Mb / 24P
Outdoor lighting
logo
SELEC Controls Pvt. Ltd
XT532 SELEC-XT532 Datasheet
135Kb / 2P
PROGRAMMABLE TIMER
logo
Nexperia B.V. All right...
74HC5555 NEXPERIA-74HC5555 Datasheet
314Kb / 28P
Programmable delay timer with oscillator
Rev. 4 - 5 July 2018
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com