Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7217 Datasheet(PDF) 5 Page - LSI Computer Systems

Part # LS7217
Description  PHOTO CONTROLLED OUTDOOR LIGHTING WITH PROGRAMMABLE TIMER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7217 Datasheet(HTML) 5 Page - LSI Computer Systems

  LS7217_14 Datasheet HTML 1Page - LSI Computer Systems LS7217_14 Datasheet HTML 2Page - LSI Computer Systems LS7217_14 Datasheet HTML 3Page - LSI Computer Systems LS7217_14 Datasheet HTML 4Page - LSI Computer Systems LS7217_14 Datasheet HTML 5Page - LSI Computer Systems LS7217_14 Datasheet HTML 6Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
 
FIGURE 4. BATTERY BACK-UP FOR AC POWER FAILURE
R1=1k
Ω
R2=270k
Ω
R3=100k
Ω
R4=100k
Ω
R5=1M
Ω
7217-091814-5
R6=10k
Ω
R7=10k
Ω
R8=50k
Ω
R9=1M
Ω
D1=1N4004
D2=1N4004
D3=1N4004
D4=1N4004
D5=1N4004
Q1=2N2222
U1=ICM7555
C1=220uF
C2=470uF
C3=0.1uF
C4=0.1uF
C5=0.1uF
C6=470pF
Figure 4 shows how to connect a back-up battery circuit to the LS7217 timer in case of power failure.
Upon ac power failure, U1 generates either a 50Hz or 60Hz clock (set by R8) so that the LS7217 timeout
remains uninterrupted. When power returns timeout continues as if no ac interruption occurred.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com