Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7217 Datasheet(PDF) 4 Page - LSI Computer Systems

Part # LS7217
Description  PHOTO CONTROLLED OUTDOOR LIGHTING WITH PROGRAMMABLE TIMER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7217 Datasheet(HTML) 4 Page - LSI Computer Systems

  LS7217_14 Datasheet HTML 1Page - LSI Computer Systems LS7217_14 Datasheet HTML 2Page - LSI Computer Systems LS7217_14 Datasheet HTML 3Page - LSI Computer Systems LS7217_14 Datasheet HTML 4Page - LSI Computer Systems LS7217_14 Datasheet HTML 5Page - LSI Computer Systems LS7217_14 Datasheet HTML 6Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
 
FIGURE 3. TYPICAL LANDSCAPE LIGHTING APPLICATION SCHEMATIC
R1=1k
Ω, 1/4W
R2=220k
Ω, 1/4W
R3=100k
Ω, 1/4W Potentiometer
R5=18k
Ω, 1/4W
R6=4.3k
Ω, 1/4W
D1=1N4004
D2=1N4004
C1=220uF, 25V
C2=470pF, 10V
Q1=2N3904 (Typical)
**For the photo-sensitive device use either
LDR, R4=Silonex NSL-19M51 or use
Photo-transistor, Q2=Vishay TEPT 4400
7217-091814-4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com