Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJS8810-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # CJS8810-HF
Description  MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CJS8810-HF Datasheet(HTML) 4 Page - Comchip Technology

  CJS8810-HF Datasheet HTML 1Page - Comchip Technology CJS8810-HF Datasheet HTML 2Page - Comchip Technology CJS8810-HF Datasheet HTML 3Page - Comchip Technology CJS8810-HF Datasheet HTML 4Page - Comchip Technology CJS8810-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4
REV: A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
MOSFET
Reel Taping Specification
D1
D2
W1
D
B
C
d
D
D2
D1
SYMBOL
(mm)
(inch)
3.937 ± 0.039
8.00 ± 0.10
1.50 ± 0.10
100 ± 1.00
13.00 ± 1.00
4.00 ± 0.10
2.00 ± 0.10
330 ± 1.00
0.059 ± 0.004
13.00 ± 0.039
0.512 ± 0.039
SYMBOL
(mm)
(inch)
0.315 ± 0.004
0.157 ± 0.004
0.079 ± 0.004
E
F
P
P0
P1
W
W1
1.75 ± 0.10
0.069 ± 0.004
5.50 ± 0.10
0.217 ± 0.004
6.76 ± 0.10
0.266 ± 0.004
3.30 ± 0.10
0.130 ± 0.004
1.20 ± 0.10
0.047 ± 0.004
17.60 ± 1.00
0.693 ± 0.039
12.00 + 1.00 /–0.10
0.472 +
/–0.004
0.039
A
T
C
A
B
P
P0
P1
W
Trailer Tape
50±1 Empty Pockets
Components
Leader Tape
50±1 Empty Pockets
TSSOP8
TSSOP8
QW-JTR15



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com