Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJS8810-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # CJS8810-HF
Description  MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CJS8810-HF Datasheet(HTML) 3 Page - Comchip Technology

  CJS8810-HF Datasheet HTML 1Page - Comchip Technology CJS8810-HF Datasheet HTML 2Page - Comchip Technology CJS8810-HF Datasheet HTML 3Page - Comchip Technology CJS8810-HF Datasheet HTML 4Page - Comchip Technology CJS8810-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RATING AND CHARACTERISTIC CURVES (CJS8810-HF)
Fig.6 - Threshold Voltage
0
4
8
2
6
10
TA=100°C
TA=25°C
VDS=16V
Pulsed
Page 3
REV: A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
MOSFET
Drain to Soruce Voltage, VDS (V)
Fig.1 - Output Characteristics
0
5
10
20
15
Pulsed
3.0V
10V
2.0V
1.5V
VGS=1.2V
Gate to Source Voltage, VGS (V)
Fig.2 - Transfer Characteristics
0
0.5
1.0
1.5
0
4
7
10
2
3
5
6
1
9
8
Drain Current, ID (A)
Fig.3 - RDS(ON) — ID
1
6
2
50
30
20
4
7
40
10
Pulsed
TA=25°C
3
5
VGS=10V
Fig.4 - RDS(ON) — VGS
6
2
8
4
250
350
10
Gate to Source Voltage, VGS (V)
300
0
ID=7A
200
150
100
50
Pulsed
TA=25°C
1E-3
0.1
1E-4
Source to Drain Voltage, VSD (V)
0.4
Fig.5 - IS — VSD
0.8
1.2
0.01
1.0
7
0.6
Junction Temperature, TJ (°C)
25
50
75
100
125
500
700
400
800
600
ID=250μA
VGS=2.5V
VGS=1.8V
1
Pulsed
TA=25°C
QW-JTR15



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com