Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJS8810-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CJS8810-HF
Description  MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CJS8810-HF Datasheet(HTML) 1 Page - Comchip Technology

  CJS8810-HF Datasheet HTML 1Page - Comchip Technology CJS8810-HF Datasheet HTML 2Page - Comchip Technology CJS8810-HF Datasheet HTML 3Page - Comchip Technology CJS8810-HF Datasheet HTML 4Page - Comchip Technology CJS8810-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CJS8810-HF
Page 1
QW-JTR15
REV: A
Features
Mechanical data
Comchip Technology CO., LTD.
Dimensions in inches and (millimeter)
RoHS Device
Halogen Free
- Uses advanced trench technology.
- Excellent RDS(ON) and low gate charge.
Company reserves the right to improve product design , functions and reliability without notice.
MOSFET
1
8
4
5
TSSOP8
8
7
0.122(3.10)
0.114(2.90)
0.258(6.55)
0.246(6.25)
0.012(0.30)
0.007(0.19)
1
2
3
4
6
0.026(0.65)
5
BSC.
0.177(4.50)
0.169(4.30)
0.008(0.20)
0.004(0.09)
0.047(1.20)
0.028(0.70)
0.020(0.50)
MAX.
N-Channel
- Case:
, molded plastic.
TSSOP8
Circuit diagram
V(BR)DSS
ID
20V
7A
Maximum Ratings (at Ta=25°C unless otherwise noted)
Drain-source voltage
Gate-source voltage
Continuous drain current
Junction temperature range
Storage temperature range
Unit
Symbol
Parameter
VDS
VGS
ID
PD
TJ
TSTG
Value
20
±12
7
0.7
150
-55 to +150
V
V
A
W
°C
°C
Total power dissipation (Note 2)
Pulsed drain current (Note 1)
IDM
30
A
Lead temperature for soldering purposes(1/8’’ from case for 10s)
TL
260
°C
RDS(on) MAX
20mΩ@10V
22mΩ@4.5V
24mΩ@3.8V
26mΩ@2.5V
35mΩ@1.8V
D1/D2
8
S2 S2 G2
7
6
5
1
2
3
4
D1/D2 S1 S1 G1
Thermal resistance from junction to ambient
RθJA
125
°C/W
Note: 1. Repetitive rating:Pulse width limited by junction temperature.
Note: 2. Device mounted on FR4 substrate pcb board 2 oz copper with minimum recommended pad layout.


Similar Part No. - CJS8810-HF

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJS8810 ZPSEMI-CJS8810 Datasheet
1Mb / 3P
Plastic-Encapsulate MOSFETS
logo
Jiangsu Changjiang Elec...
CJS8810 JIANGSU-CJS8810 Datasheet
1,001Kb / 5P
Dual N-Channel MOSFET
More results

Similar Description - CJS8810-HF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3714PBF IRF-IRL3714PBF Datasheet
237Kb / 12P
SMPS MOSFET HEXFET짰Power MOSFET
IRF6217PBF IRF-IRF6217PBF Datasheet
125Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
IRF3708PBF IRF-IRF3708PBF Datasheet
282Kb / 11P
SMPS MOSFET HEXFET짰Power MOSFET
IRFP17N50LPBF IRF-IRFP17N50LPBF Datasheet
188Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
logo
Comchip Technology
2N7002-G COMCHIP-2N7002-G Datasheet
183Kb / 4P
MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Solid States Devices, I...
F00129H SSDI-F00129H Datasheet
188Kb / 3P
MOSFET
logo
Comchip Technology
BSS138-G COMCHIP-BSS138-G Datasheet
141Kb / 5P
MOSFET
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
logo
Infineon Technologies A...
IRL40T209 INFINEON-IRL40T209 Datasheet
1Mb / 11P
MOSFET IR MOSFET - StrongIRFETª
Rev. 2.0, 2018-05-05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com