Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJS8810-HF Datasheet(PDF) 5 Page - Comchip Technology

Part # CJS8810-HF
Description  MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CJS8810-HF Datasheet(HTML) 5 Page - Comchip Technology

  CJS8810-HF Datasheet HTML 1Page - Comchip Technology CJS8810-HF Datasheet HTML 2Page - Comchip Technology CJS8810-HF Datasheet HTML 3Page - Comchip Technology CJS8810-HF Datasheet HTML 4Page - Comchip Technology CJS8810-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Suggested PAD Layout
SIZE
(inch)
0.013
(mm)
0.32
1.60
0.65
0.063
0.026
TSSOP8
5.60
0.220
E
1.95
0.077
A
B
C
D
A
C
0.157
4.00
F
Marking Code
Part Number
Marking Code
Page 5
REV: A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
MOSFET
Standard Packaging
Case Type
3,000
REEL
( pcs )
Reel Size
(inch)
13
REEL PACK
B
G
D
E
F
TSSOP8
0.283
7.20
G
1.General tolerance: ±0.05mm.
2.The pad layout is for reference purposes only.
Note:
CJS8810-HF
1
8
S8810
YY
S8810
Solid dot “ ” = Halogen Free
YY = Date Code
QW-JTR15



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com