Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJS8810-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CJS8810-HF
Description  MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CJS8810-HF Datasheet(HTML) 2 Page - Comchip Technology

  CJS8810-HF Datasheet HTML 1Page - Comchip Technology CJS8810-HF Datasheet HTML 2Page - Comchip Technology CJS8810-HF Datasheet HTML 3Page - Comchip Technology CJS8810-HF Datasheet HTML 4Page - Comchip Technology CJS8810-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2
REV: A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
MOSFET
Symbol
Parameter
Conditions
Min
Max
Units
Drain-source breakdown voltage
20
VGS =0V , ID=250µA
Zero gate voltage drain current
Forward transconductance (Note 1)
Reverse transfer capacitance
Input capacitance
Turn-on delay time
Turn-off delay time
Rise time
Fall time
VDS =VGS , ID=250µA
VDS =16V , VGS=0V
VGS=10V , ID=7A
VDS=5V , ID=7A
V(BR) DSS
IDSS
RDS(on)
gFS
Coss
Crss
td(on)
tr
td(off)
tf
1
20
1
9
6
13
52
16
V
mΩ
S
nS
1150
Dynamic Parameters (Note 2)
VGS=4.5V , ID=6.6A
22
Output capacitance
Typ
185
145
pF
Static Parameters
Electrical Characteristics (at TA=25°C unless otherwise noted)
0.4
Gate threshold voltage (Note 1)
VGS(th)
Gate-body leakage current
VDS =0V , VGS=±4.5V
IGSS
±1
µA
Drain-source on-resistance (Note 1)
µA
Diode forward voltage (Note 1)
IS=1A , VGS=0V
VSD
1
V
1.
.
Pulse test: Pulse width
≤300µs, Duty cycle≤0.5%
Notes:
Switching Parameters (Note 2)
Total gate charge
Qg
15
nC
Gate-source charge
Qgs
0.8
Gate-drain charge
Qgd
3.2
VDS=10V , VGS=0V,
f=1MHZ
VDS=10V , VGS=4.5V,
ID=7A
V
VGS=5V VDD=10V
,
RL=1.35Ω , RGEN=3Ω
VDS =0V , VGS=±8V
±10
VGS=3.8V , ID=6A
VGS=2.5V , ID=5.5A
VGS=1.8V , ID=5A
14
16
24
17
26
20
35
28
Ciss
2. Guaranteed by design, not subject to production testing.
QW-JTR15



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com