Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF1B-R28F Datasheet(PDF) 7 Page - Hirose Electric

Part # DF1B-R28F
Description  2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1B-R28F Datasheet(HTML) 7 Page - Hirose Electric

Back Button DF1B-R28F Datasheet HTML 3Page - Hirose Electric DF1B-R28F Datasheet HTML 4Page - Hirose Electric DF1B-R28F Datasheet HTML 5Page - Hirose Electric DF1B-R28F Datasheet HTML 6Page - Hirose Electric DF1B-R28F Datasheet HTML 7Page - Hirose Electric DF1B-R28F Datasheet HTML 8Page - Hirose Electric DF1B-R28F Datasheet HTML 9Page - Hirose Electric DF1B-R28F Datasheet HTML 10Page - Hirose Electric DF1B-R28F Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
B159
Unit: mm
s Single Row Straight Pin Header for Potting
[Specific No.] –* *, (* *)
Blank: Tin plated
(20) : Tin plated, tube packaging
K Board Positioning Boss Hole Diameter:Ø1.1+0+0.1
K Board Through-hole Diameter:Ø1.1+0+0.1
B Tube Size
B
Applicable Potting Thickness : 6mm
Potting status
Part Number
CL No.
DF1BD- 2P-2.5DSA(**)
DF1BD- 3P-2.5DSA(**)
DF1BD- 4P-2.5DSA(**)
DF1BD- 5P-2.5DSA(**)
DF1BD- 6P-2.5DSA(**)
DF1BD- 7P-2.5DSA(**)
DF1BD- 8P-2.5DSA(**)
DF1BD- 9P-2.5DSA(**)
DF1BD-10P-2.5DSA(**)
541-0800-3-**
541-0801-6-**
541-0802-9-**
541-0803-1-**
541-0804-4-**
541-0805-7-**
541-0806-0-**
541-0807-2-**
541-0808-5-**
2
3
4
5
6
7
8
9
10
2.5
5
7.5
10
12.5
15
17.5
20
22.5
7.5
10
12.5
15
17.5
20
22.5
25
27.5
64pieces
48
38
32
27
24
21
19
17
Number of Contacts
A
B
Tube Package Quantity
Note 1.A packaging quantity is delivered by the bag unit (100 pcs.). If needed, please order the product per pack.
Note 2.Please order the tube packaging products, multiplying the packaging quantity (pieces).
Note 3.The 2 and 3 contact connector contains the concave portion to prevent miss-insertion in the center at one point, which is
different from the above figure.In addition, the 4 to 7 contacts connectors have two concave portions at both ends.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com