Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF1B-R28F Datasheet(PDF) 3 Page - Hirose Electric

Part # DF1B-R28F
Description  2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1B-R28F Datasheet(HTML) 3 Page - Hirose Electric

  DF1B-R28F Datasheet HTML 1Page - Hirose Electric DF1B-R28F Datasheet HTML 2Page - Hirose Electric DF1B-R28F Datasheet HTML 3Page - Hirose Electric DF1B-R28F Datasheet HTML 4Page - Hirose Electric DF1B-R28F Datasheet HTML 5Page - Hirose Electric DF1B-R28F Datasheet HTML 6Page - Hirose Electric DF1B-R28F Datasheet HTML 7Page - Hirose Electric DF1B-R28F Datasheet HTML 8Page - Hirose Electric DF1B-R28F Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
B155
sProduct Specifications
Current rating
(Note1)
Voltage rating
AWG 20 to 24 : 3A
AWG 26
: 2A
Cable Size
AWG 28
: 1A
AWG 30
: 0.5A
250V AC
Storage Temperature Range
Storage Moisture Range
Operating Temperature Range
Operating Moisture Range
-10 to +60ç (Note3)
-40 to 70% (Note3)
-35 to +85ç (Note2)
-40 to 80%
Item
Specification
Condition
1. Insulation Resistance
1000M ohms Min
500V DC
2. Withstanding voltage
No flashover or insulation breakdown.
650V AC/1 minute
3. Contact Resistance
30m ohms Max
100mA
4. Insertor/Extraction Force
MIN0.44N (45gf), MAX4.4N(450gf)
Measure at the square steel pin of 0.635±0.002mm
5. Vibration
No electrical discontinuity of 1µs or more
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions.
6. Humidity (Steady state) Contact resistance: 30m ohms max.Insulation resistance: 1000M ohms min. 96 hours at temperature of 40ç and humidity of 90% to 95%
7. Temperature Cycle
Contact resistance: 30m ohms max:Insulation resistance: 1000M ohms min.
(-55ç: 30 minutes ➝ 15 to 35ç: 2 to 3 minutes
(-85ç: 30 minutes ➝ 15 to 35ç: 2 to 3 minutes) 5 cycles
8. Operating Life
Contact resistance: 30m ohms max.
Tin plating
: 30 cycles
Gold plating
: 50 cycles
9. Resistance to Soldering heat
No deformation of components affecting performance.
Flow: 250ç for 10 seconds
Manual soldering: 300ç for 3 seconds
Rating
Note 1: Includes temperature rise caused by current flow.
Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and
Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation.
Note: The whisker method is implemented for tin plating.
Current rating
(Note1)
Voltage rating
UL-CSA Safety Standard Standardized Value
AWG 20 to 22: 3A
Cable Size
AWG 24 to 28: 1A
AWG 30
: 0.5A
30V AC
Rating
sUL CSA Safety File No.
UL
: E52653
CSA
: LR95109
sMaterial
Product
Part
Material
Finish
Remarks
Socket
Insulator
Polyamide
White
UL94V-0
ID Contact for Socket
Contact
Phosphor copper
Tin plated or gold plated
––––––
Crimping Contact for Socket
Contact
Phosphor copper
Tin plated or gold plated
––––––
Pin Header
Insulator
Polyamide
White
UL94V-0
Contact
Brass
Tin plated or gold plated
––––––
In-line Plug
Insulator
Polyamide
White
UL94V-0
ID Contact for In-line Plug
Contact
Phosphor copper
Tin plated or gold plated
––––––
Crimping Contact for In-line Plug
Contact
Phosphor copper
Tin plated or gold plated
––––––



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com