Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF1B-R28F Datasheet(PDF) 16 Page - Hirose Electric

Part # DF1B-R28F
Description  2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1B-R28F Datasheet(HTML) 16 Page - Hirose Electric

Back Button DF1B-R28F Datasheet HTML 9Page - Hirose Electric DF1B-R28F Datasheet HTML 10Page - Hirose Electric DF1B-R28F Datasheet HTML 11Page - Hirose Electric DF1B-R28F Datasheet HTML 12Page - Hirose Electric DF1B-R28F Datasheet HTML 13Page - Hirose Electric DF1B-R28F Datasheet HTML 14Page - Hirose Electric DF1B-R28F Datasheet HTML 15Page - Hirose Electric DF1B-R28F Datasheet HTML 16Page - Hirose Electric DF1B-R28F Datasheet HTML 17Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
B168
Note: If a trouble has occurred due to tools which are not designated by Hirose, Hirose won't guarantee any product
B Applicable Tool
Part Number
CL No.
901-4507-4
901-4536-2
550-0171-0
550-0221-7
901-4510-9
901-4518-0
901-4517-8
901-4509-0
901-4521-5
901-4519-3
550-0182-7
550-0209-1
550-0211-3
550-0183-0
550-0224-5
550-0210-0
901-0005-4
550-0170-8
550-0179-2
550-0198-7
Connection Type
Type
Press Main Unit
Applicable Contacts
DF1B-R**F/FA **=24,26,28
DF1B-**PRF/PRFB**=24,26,28
DF1B-R**/A **=24,26,28
DF1B-**PR/PRB **=24,26,28
DF1B-2022SCF/SCFA
DF1B-2428SCF/SCFA
DF1B-30SCF/SCFA
DF1B-2022PCF/PCFB
DF1B-2428PCF,DF1-PD2428SCF/SCFB
DF1B-30PCF/PCFB
DF1B-2022SC/SCA
DF1B-2428SC/SCA
DF1B-30SC/SCA
DF1B-2022PC/PCB
DF1B-2428PC,DF1-PD2428SCB
DF1B-30PC/PCB
__________________________________
DF1B-R**F
DF1B-****SCF
DF1B-****PC,DF1B-**PRF
[Press Main Unit and Applicator]
[Manual Crimping Tool]
ID
Crimping
Extraction Tool
Applicator
Manual ID tool
Applicator
Manual
crimping tool
AP105-DF1B-R
AP105-DF1B-PR
DF1B-T2428HR
DF1B-T2428PHR
AP105-DF1B-2022S
AP105-DF1B-2428S
AP105-DF1B-30S
AP105-DF1B-2022P
AP105-DF1B-2428P
AP105-DF1B-30P
DF1B-TA2022SHC
DF1B-TA2428SHC
DF1B-TA30SHC
DF1B-TA2022PHC
DF1B-TA2428PHC
DF1B-TA30PHC
CM-105
DF-C-PO(A)
DF-C-PO(B)
DF-C-PO(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com