Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF1B-R28F Datasheet(PDF) 11 Page - Hirose Electric

Part # DF1B-R28F
Description  2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1B-R28F Datasheet(HTML) 11 Page - Hirose Electric

Back Button DF1B-R28F Datasheet HTML 7Page - Hirose Electric DF1B-R28F Datasheet HTML 8Page - Hirose Electric DF1B-R28F Datasheet HTML 9Page - Hirose Electric DF1B-R28F Datasheet HTML 10Page - Hirose Electric DF1B-R28F Datasheet HTML 11Page - Hirose Electric DF1B-R28F Datasheet HTML 12Page - Hirose Electric DF1B-R28F Datasheet HTML 13Page - Hirose Electric DF1B-R28F Datasheet HTML 14Page - Hirose Electric DF1B-R28F Datasheet HTML 15Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
B163
s Single Row In-line Socket (Full Lock Type)
[Specific No.] –* *, (* *)
Blank: 100 pcs. per pack
Note 1.The quantity at the specific No. "None" is delivered by the bag unit (100 pcs.). If needed, please order the product per bag.
Note 1.The installation hole size C will be changed according to panel board thickness.
Note 2.Fabricate installation holes so that no burr can occur.
Unit: mm
Part Number
CL No.
DF1B- 8ES-2.5RC
DF1B- 9ES-2.5RC
DF1B-10ES-2.5RC
DF1B-11ES-2.5RC
DF1B-12ES-2.5RC
DF1B-13ES-2.5RC
541-0326-4-
541-0327-7-
541-0328-0-
541-0329-2-
541-0330-1-
541-0331-4-
8
9
10
11
12
13
17.5
20
22.5
25
27.5
30
21.5
24
26.5
29
31.5
34
Number of Contacts
A
B
Part Number
CL No.
DF1B- 2ES-2.5RC
DF1B- 3ES-2.5RC
DF1B- 4ES-2.5RC
DF1B- 5ES-2.5RC
DF1B- 6ES-2.5RC
DF1B- 7ES-2.5RC
541-0320-8-
541-0321-0-
541-0322-3-
541-0323-6-
541-0324-9-
541-0325-1-
2
3
4
5
6
7
2.5
5
7.5
10
12.5
15
6.5
9
11.5
14
16.5
19
Number of Contacts
A
B
KApplicable Socket: DF1B-*DEP-2.5RC
Contact Inserted.
B Panel Cutouts
Unit: mm
Applicable Plug
Number of Contacts
DF1B- 2ES-2.5RC
DF1B- 3ES-2.5RC
DF1B- 4ES-2.5RC
DF1B- 5ES-2.5RC
DF1B- 6ES-2.5RC
DF1B- 7ES-2.5RC
DF1B- 8ES-2.5RC
DF1B- 9ES-2.5RC
DF1B-10ES-2.5RC
DF1B-11ES-2.5RC
DF1B-12ES-2.5RC
DF1B-13ES-2.5RC
2
3
4
5
6
7
8
9
10
11
12
13
0.5 to 1.2
Panel Board Thickness (Note 1)
E
10.8
13.3
15.8
18.3
20.8
23.3
25.8
28.3
30.8
33.3
35.8
38.3
1.3 to 1.6
11.3
13.8
16.3
18.8
21.3
23.8
26.3
28.8
31.3
33.8
36.3
38.8
1.7 to 2.0
12
14.5
17
19.5
22
24.5
27
29.5
32
34.5
37
39.5
C
4.7
7.2
9.7
12.2
14.7
17.2
19.7
22.2
24.7
27.2
29.7
32.2
D
6.7
9.2
11.7
14.2
16.7
19.2
21.7
24.2
26.7
29.2
31.7
34.2
Panel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com