Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF1B-R28F Datasheet(PDF) 10 Page - Hirose Electric

Part # DF1B-R28F
Description  2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1B-R28F Datasheet(HTML) 10 Page - Hirose Electric

Back Button DF1B-R28F Datasheet HTML 6Page - Hirose Electric DF1B-R28F Datasheet HTML 7Page - Hirose Electric DF1B-R28F Datasheet HTML 8Page - Hirose Electric DF1B-R28F Datasheet HTML 9Page - Hirose Electric DF1B-R28F Datasheet HTML 10Page - Hirose Electric DF1B-R28F Datasheet HTML 11Page - Hirose Electric DF1B-R28F Datasheet HTML 12Page - Hirose Electric DF1B-R28F Datasheet HTML 13Page - Hirose Electric DF1B-R28F Datasheet HTML 14Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
B162
s Double Row In-line Plug (Simple Lock Type)
[Specific No.] –* *, (* *)
Blank: 100 pcs. per pack
Note 1.The quantity at the specific No. "None" is delivered by the bag unit (100 pcs.). If needed, please order the product per bag.
Note 2.The 4 contacts connector contains the concave portion to prevent miss-insertion in the center at one point, which is different
from the above figure.
Note 1.The installation hole size C according to panel board thickness.
Note 2.Fabricate installation holes so that no burr can occur.
Unit: mm
KApplicable Socket: DF1B-*DS-2.5RC
Contact Inserted.
B Panel Cutouts
Unit: mm
Applicable Plug
Number of Contacts
DF1BA- 4DEP-2.5RC
DF1BA- 6DEP-2.5RC
DF1BA- 8DEP-2.5RC
DF1BA-10DEP-2.5RC
DF1BA-12DEP-2.5RC
DF1BA-14DEP-2.5RC
DF1BA-16DEP-2.5RC
DF1BA-18DEP-2.5RC
DF1BA-20DEP-2.5RC
DF1BA-22DEP-2.5RC
DF1BA-24DEP-2.5RC
DF1BA-26DEP-2.5RC
DF1BA-28DEP-2.5RC
DF1BA-30DEP-2.5RC
DF1BA-34DEP-2.5RC
4
6
8
10
12
14
16
18
20
22
24
26
28
30
34
0.5 to 1.2
Panel Board Thickness (Note 1)
C
12.7
15.2
17.7
20.2
22.7
25.2
27.7
30.2
32.7
35.2
37.7
40.2
42.7
45.2
50.2
1.3 to 1.6
13.4
15.9
18.4
20.9
23.4
25.9
28.4
30.9
33.4
35.9
38.4
40.9
43.4
45.9
50.9
1.7 to 2.0
14.1
16.6
19.1
21.6
24.1
26.6
29.1
31.6
34.1
36.6
39.1
41.6
44.1
46.6
51.6
D
8.8
11.3
13.8
16.3
18.8
21.3
23.8
26.3
28.8
31.3
33.8
36.3
38.8
41.3
46.3
Part Number
CL No.
DF1BA-20DEP-2.5RC(**)
DF1BA-22DEP-2.5RC(**)
DF1BA-24DEP-2.5RC(**)
DF1BA-26DEP-2.5RC(**)
DF1BA-28DEP-2.5RC(**)
DF1BA-30DEP-2.5RC(**)
DF1BA-34DEP-2.5RC(**)
541-0727-5-**
541-0728-8-**
541-0729-0-**
541-0730-0-**
541-0731-2-**
541-0732-5-**
541-0734-0-**
20
22
24
26
28
30
34
22.5
25
27.5
30
32.5
35
40
28.6
31.1
33.6
36.1
38.6
41.1
46.1
Number of Contacts
A
B
Part Number
CL No.
DF1BA- 4DEP-2.5RC(**)
DF1BA- 6DEP-2.5RC(**)
DF1BA- 8DEP-2.5RC(**)
DF1BA-10DEP-2.5RC(**)
DF1BA-12DEP-2.5RC(**)
DF1BA-14DEP-2.5RC(**)
DF1BA-16DEP-2.5RC(**)
DF1BA-18DEP-2.5RC(**)
541-0719-7-**
541-0720-6-**
541-0721-9-**
541-0722-1-**
541-0723-4-**
541-0724-7-**
541-0725-0-**
541-0726-2-**
4
6
8
10
12
14
16
18
2.5
5
7.5
10
12.5
15
17.5
20
8.6
11.1
13.6
16.1
18.6
21.1
23.6
26.1
Number of Contacts
A
B
Panel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com