Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3729B Datasheet(PDF) 7 Page - ams AG

Part # AS3729B
Description  Support for single or dual phase operation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3729B Datasheet(HTML) 7 Page - ams AG

Back Button AS3729B Datasheet HTML 3Page - ams AG AS3729B Datasheet HTML 4Page - ams AG AS3729B Datasheet HTML 5Page - ams AG AS3729B Datasheet HTML 6Page - ams AG AS3729B Datasheet HTML 7Page - ams AG AS3729B Datasheet HTML 8Page - ams AG AS3729B Datasheet HTML 9Page - ams AG AS3729B Datasheet HTML 10Page - ams AG AS3729B Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ams Datasheet
Page 7
[v1-03] 2015-Sep-28
Document Feedback
AS3729B − Typical Operating Characteristics
Figure 7:
Efficiency vs. Output Current for 2016 Coil Types
Figure 8:
Efficiency vs. Output Current for 2520 Coil Types
AS3729B Step Down DC/DC: Shows the
Efficiency of AS3729B of various coil
types in a 2016 package in dual and
combined mode. For the dual mode two
1uH coils are used and for the combined
mode one 470nH coil. VSUP = 3.7V,
VOUT = 1.2V, 1.35MHz operation,
TA = 25°C
AS3729B Step Down DC/DC: Shows the
Efficiency of AS3729B of various coil
types in a 2520 package in dual and
combined mode. For the dual mode two
1uH coils are used and for the combined
mode one 470nH coil. VSUP = 3.7V,
VOUT = 1.2V, 1.35MHz operation,
TA = 25°C
Typical Operating
Characteristics
60
65
70
75
80
85
90
95
0.01
0.1
1
10
Output Current (A)
AS3729B 3V7-1V2 TFM201610GHM-1R0M dual (1.35MHz)
AS3729B 3V7-1V2 CITG201610GM1R0MWE dual (1.35MHz)
AS3729B 3V7-1V2 DFE201610P-1R0 dual (1.35MHz)
AS3729B 3V7-1V2 TFM201610GHM-R47M combined (1.35MHz)
AS3729B 3V7-1V2 CIGT201610HMR47MNE combined (1.35MHz)
AS3729B 3V7-1V2 DFE201610P-R47 combined (1.35MHz)
60
65
70
75
80
85
90
95
0.01
0.1
1
10
Output Current (A)
AS3729B 3V7-1V2 VLS252010HBX-1R0 dual (1.35MHz)
AS3729B 3V7-1V2 DFE252010P-1R0 dual (1.35MHz)
AS3729B 3V7-1V2 VLS252010HBX-R47 combined (1.35MHz)
AS3729B 3V7-1V2 DFE252010P-R47M combined (1.35MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com