Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3729B Datasheet(PDF) 5 Page - ams AG

Part # AS3729B
Description  Support for single or dual phase operation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3729B Datasheet(HTML) 5 Page - ams AG

  AS3729B Datasheet HTML 1Page - ams AG AS3729B Datasheet HTML 2Page - ams AG AS3729B Datasheet HTML 3Page - ams AG AS3729B Datasheet HTML 4Page - ams AG AS3729B Datasheet HTML 5Page - ams AG AS3729B Datasheet HTML 6Page - ams AG AS3729B Datasheet HTML 7Page - ams AG AS3729B Datasheet HTML 8Page - ams AG AS3729B Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ams Datasheet
Page 5
[v1-03] 2015-Sep-28
Document Feedback
AS3729B − Absolute Maximum Ratings
Note(s) and/or Footnote(s):
1. Depending on actual PCB layout and PCB used
2. The reflow peak soldering temperature (body temperature) is specified according IPC/JEDEC J-STD-020 “Moisture/Reflow Sensitivity
Classification for Nonhermetic Solid State Surface Mount Devices”
Temperature Ranges and Storage Conditions
TA
Operating temperature
-40
85
°C
RTHJA
Junction to ambient thermal
resistance
°C/W
RTHJA typ. 55K/W
TJ
Junction temperature
125
°C
TSTRG
Storage temperature range
-55
125
°C
TBODY
Package body temperature
260
°C
Norm IPC/JEDEC J-STD-020 (2)
RHNC
Relative humidity
(non condensing)
585
%
MSL
Moisture sensitivity level
1
Represents an unlimited floor
life time
Symbol
Parameter
Min
Max
Units
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com