Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3729B Datasheet(PDF) 4 Page - ams AG

Part # AS3729B
Description  Support for single or dual phase operation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3729B Datasheet(HTML) 4 Page - ams AG

  AS3729B Datasheet HTML 1Page - ams AG AS3729B Datasheet HTML 2Page - ams AG AS3729B Datasheet HTML 3Page - ams AG AS3729B Datasheet HTML 4Page - ams AG AS3729B Datasheet HTML 5Page - ams AG AS3729B Datasheet HTML 6Page - ams AG AS3729B Datasheet HTML 7Page - ams AG AS3729B Datasheet HTML 8Page - ams AG AS3729B Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Page 4
ams Datasheet
Document Feedback
[v1-03] 2015-Sep-28
AS3729B − Absolute Maximum R atings
Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any
other conditions beyond those indicated under Electrical
Characteristics is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
Figure 5:
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Units
Comments
Electrical Parameters
Supply voltage to ground 5V
pins
-0.5
7.0
V
Applicable for pins
VSUPx, LXx, CTRLx
Supply voltage to ground 3V
pins
-0.5
5.0
V
Applicable for pin
TEMP
Voltage difference between
ground terminals
-0.5
0.5
V
Applicable for pins
PVSS, AGND
Input current
(latch-up immunity)
-100
100
mA
Norm: JEDEC JESD78
Continuous Power Dissipation (TA = 70°C)
PT
Continuous power dissipation
1
W
PT
(1) for WL-CSP16 package
(RTHJA ~ 55K/W)
Electrostatic Discharge
ESDHBM
Electrostatic discharge HBM
±2
kV
Norm:
JEDEC JESD22-A114F
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com