Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3729B Datasheet(PDF) 1 Page - ams AG

Part # AS3729B
Description  Support for single or dual phase operation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3729B Datasheet(HTML) 1 Page - ams AG

  AS3729B Datasheet HTML 1Page - ams AG AS3729B Datasheet HTML 2Page - ams AG AS3729B Datasheet HTML 3Page - ams AG AS3729B Datasheet HTML 4Page - ams AG AS3729B Datasheet HTML 5Page - ams AG AS3729B Datasheet HTML 6Page - ams AG AS3729B Datasheet HTML 7Page - ams AG AS3729B Datasheet HTML 8Page - ams AG AS3729B Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
ams Datasheet
Page 1
[v1-03] 2015-Sep-28
Document Feedback
AS3729B
8A Power Stage
The AS3729B is a companion power stage, intended to be used
with AS372x products.
It cannot be used without a DC/DC controller. It contains the
power FETs for 2 phases and is capable to handle output
currents of 4A per phase.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of AS3729B, 8A Power Stage are listed
below:
Figure 1:
Added Value of Using AS3729B
Applications
This device is a high current dual-phase DC/DC and ideal for:
• Mobile phones
• Tablets
• Notebooks
Benefits
Features
• Support for single or dual phase operation
• 2 phases with separate control input
• 2 x 4A output stages are running up to
2.7MHz
• Separate power NMOS & PMOS for 4A per phase
• Separate coil current feedback per phase
• Stand-Alone zero-crossing operation
• Over-temperature protection
• Integrated temperature monitoring
• Cost effective, small package
• WL-CSP16: 1.615mm x 1.615mm, 0.4mm pitch
General Description


Similar Part No. - AS3729B

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
AS3729B AMSOSRAM-AS3729B Datasheet
790Kb / 19P
8A Power Stage
2015-Sep-28
AS3729B-BWLM AMSOSRAM-AS3729B-BWLM Datasheet
790Kb / 19P
8A Power Stage
2015-Sep-28
AS3729B-BWLT AMSOSRAM-AS3729B-BWLT Datasheet
790Kb / 19P
8A Power Stage
2015-Sep-28
More results

Similar Description - AS3729B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC427 NSC-CLC427 Datasheet
130Kb / 8P
Dual Voltage Feedback Amplifier for Single Supply Operation
logo
Vicor Corporation
VI-FPE6 VICOR-VI-FPE6 Datasheet
96Kb / 2P
Single or Three Phase Strappable
logo
Semtech Corporation
SC2446 SEMTECH-SC2446 Datasheet
803Kb / 38P
Dual-Phase Single or Two Output Synchronous Step-Down Controllers
SC2446A SEMTECH-SC2446A Datasheet
525Kb / 27P
Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
SC2447 SEMTECH-SC2447 Datasheet
755Kb / 26P
Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
SC2443 SEMTECH-SC2443 Datasheet
1Mb / 20P
Dual-Phase Single or Two Output Synchronous Step-Down Controller
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
Dual-Phase Single or Two Output Synchronous Step-Down Controller
logo
Texas Instruments
TLC372CDRG4 TI1-TLC372CDRG4 Datasheet
1Mb / 26P
Single or Dual-Supply Operation
logo
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
logo
Maxim Integrated Produc...
MAX41400EVKIT MAXIM-MAX41400EVKIT Datasheet
398Kb / 7P
Single- or Dual-Supply Operation
319-100583; Rev 0; 8/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com