Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3729B Datasheet(PDF) 11 Page - ams AG

Part # AS3729B
Description  Support for single or dual phase operation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3729B Datasheet(HTML) 11 Page - ams AG

Back Button AS3729B Datasheet HTML 7Page - ams AG AS3729B Datasheet HTML 8Page - ams AG AS3729B Datasheet HTML 9Page - ams AG AS3729B Datasheet HTML 10Page - ams AG AS3729B Datasheet HTML 11Page - ams AG AS3729B Datasheet HTML 12Page - ams AG AS3729B Datasheet HTML 13Page - ams AG AS3729B Datasheet HTML 14Page - ams AG AS3729B Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ams Datasheet
Page 11
[v1-03] 2015-Sep-28
Document Feedback
AS3729B − Package Drawings & Markings
Figure 14:
16-Pin WL-CSP with 0.4mm Pitch
Note(s) and/or Footnote(s):
1. Pin 1= A1
2. ccc coplanarity
3. All dimensions in
μm
Package Drawings & Markings
Green
RoHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com