Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5171 Datasheet(PDF) 7 Page - ams AG

Part # AS5171
Description  Accurate angle measurement
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5171 Datasheet(HTML) 7 Page - ams AG

Back Button AS5171 Datasheet HTML 3Page - ams AG AS5171 Datasheet HTML 4Page - ams AG AS5171 Datasheet HTML 5Page - ams AG AS5171 Datasheet HTML 6Page - ams AG AS5171 Datasheet HTML 7Page - ams AG AS5171 Datasheet HTML 8Page - ams AG AS5171 Datasheet HTML 9Page - ams AG AS5171 Datasheet HTML 10Page - ams AG AS5171 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
ams Datasheet
Page 7
[v1-01] 2016-Feb-17
Document Feedback
AS5171 − Absolute Maximum Ratings
Figure 8:
Electrical System Characteristics
Note(s) and/or Footnote(s):
1. Reference magnet: NdFeB, 6 mm diameter, 2.5 mm thickness
Figure 9:
Power Management – Supply Monitor - Timing
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
CRES
Core resolution
14
bit
ARES
Analog resolution
(AS5171A)
Range > 90°
12
bit
DRES
Digital resolution
(AS5171B)
12
bit
INLopt
Integral non-linearity
(optimum)
Best aligned reference magnet(1)
at 25°C over full turn 360°
-0.5
0.5
deg
INLtemp
Integral non-linearity
(optimum)
Best aligned reference magnet(1)
over temperature -40°C to 150°C
over full turn 360°
-0.9
0.9
deg
INL
Integral non-linearity
Best aligned reference magnet(1)
over temperature -40°C to 150°C
over full turn 360º and
displacement
-1.4
1.4
deg
ON
Output noise peak to peak
Static conditions - filter on
1
LSB
ST
Sampling time
125
μs
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDUVTH
VDD undervoltage upper
threshold
3.5
4.0
4.5
V
VDDUVTL
VDD undervoltage lower
threshold
3.0
3.5
4.0
V
VDDUH
VDD undervoltage
hysteresis
300
500
900
mV
UVDT
VDD undervoltage
detection time
Time devices detects
undervoltage VDD< VDDUVTH
10
50
250
μs
UVRT
Undervoltage recovery
time
Time device return into normal
mode from failure band
VDD > VDDUVTH
10
50
250
μs
VDDOVTH
VDD overvoltage upper
threshold
6.0
6.5
7.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com