Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5171 Datasheet(PDF) 28 Page - ams AG

Part # AS5171
Description  Accurate angle measurement
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5171 Datasheet(HTML) 28 Page - ams AG

Back Button AS5171 Datasheet HTML 24Page - ams AG AS5171 Datasheet HTML 25Page - ams AG AS5171 Datasheet HTML 26Page - ams AG AS5171 Datasheet HTML 27Page - ams AG AS5171 Datasheet HTML 28Page - ams AG AS5171 Datasheet HTML 29Page - ams AG AS5171 Datasheet HTML 30Page - ams AG AS5171 Datasheet HTML 31Page - ams AG AS5171 Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
Page 28
ams Datasheet
Document Feedback
[v1-01] 2016-Feb-17
AS5171 − Application Information
Programming Parameter
The programming has to be performed in communication
mode. If the cust_lock=0, the sensor starts in communication
mode.
The following procedure and the block diagram are showing
the common 2 point calibration. For special calibration
procedure:
AS5171A: Analog output driver calibration
AS5171A/AS5171B: Linearization.
Please go in contact with the ams application team.
Burn and Verification of the OTP Memory
1.
Power on cycle
2.
Move magnet to the first mechanical start position
3.
Reset the DSP. Writing 0x20 into Reg(0x0023)
4.
Read out the measured angle from ANGLECORDIC
register: T1 Value
5.
Moving of magnet to the second mechanical position
(stop position)
6.
Read out the measured angle from ANGLECORDIC
register: T2 Value
7.
Write T1,T2 and all other transfer parameter into the
DLL: Calculation of GAIN, Offset, BP, Clamping
8.
Write reg(0x000A) to reg (0x001E) with the custom
settings and the calculated values from point 7. -->
AS5171 Settings
9.
Read reg(0x000A) to reg (0x001E) ---> Read register
step 1
10. Comparison of AS5171 settings with content of read
register step 1
11. If point 10 is correct: Decision: pass 2 function
(measurement verification) or programming.
Programming sequence starts with point 12.
12. Write reg(0x000A) to reg (0x001E) with the custom
settings and the calculated values from point 7 +
customer lock Bit. --> AS5171 Settings_Prog
13. Read reg(0x0000) to reg (0x001D) ---> Read register
step 2
14. Calculation of Signature Byte out of Read register step
2 content: Signature Byte
15. Write 8Bit Signature to reg(0x001E)
16. Write reg(0x000A) to reg (0x001E) with the custom
settings and the calculated values from point 7 +
customer lock Bit + Signature byte. --> AS5171
Settings_Prog_final



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com