Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5171 Datasheet(PDF) 5 Page - ams AG

Part # AS5171
Description  Accurate angle measurement
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5171 Datasheet(HTML) 5 Page - ams AG

  AS5171 Datasheet HTML 1Page - ams AG AS5171 Datasheet HTML 2Page - ams AG AS5171 Datasheet HTML 3Page - ams AG AS5171 Datasheet HTML 4Page - ams AG AS5171 Datasheet HTML 5Page - ams AG AS5171 Datasheet HTML 6Page - ams AG AS5171 Datasheet HTML 7Page - ams AG AS5171 Datasheet HTML 8Page - ams AG AS5171 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
ams Datasheet
Page 5
[v1-01] 2016-Feb-17
Document Feedback
AS5171 − Absolute Maximum Ratings
Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any
other conditions beyond those indicated under Operating
Conditions is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
Figure 6:
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Units
Comments
Electrical Parameters
VDD
DC Supply Voltage at VDD pin
-20
20
V
Not operational
VOUT
External DC voltage at OUT pin
-0.3
20
V
Permanent
VDIFF
DC voltage difference between
VDD and OUT
-20
20
V
VREGOUT
DC voltage at the VDD3V3 pin
-0.3
5.0
V
ISCR
Input Current (latch-up
immunity)
-100
100
mA
AEC-Q100-004
Continuous Power Dissipation (TAMB = 70°C)
PT
Continuous power dissipation
66
mW
Calculated with
IDDmax=12mA;
VDD=5.5V
Electrostatic Discharge
ESDHBM on
Chip level
Electrostatic discharge HBM
±2
kV
AEC-Q100-002
ESDHBM system
Electrostatic discharge HBM on
VDD, Out and GND (outer
connects)
±4
kV
AEC-Q100-002
Temperature Ranges and Storage Conditions
TAMB
Operating temperature range
-40
150
°C
Ambient temperature
TaProg
Programming temperature
5
45
°C
Programming@ Room
temperature
(25°C ± 20°C)
TSTRG
Storage temperature range
-55
150
°C
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com