Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5171 Datasheet(PDF) 13 Page - ams AG

Part # AS5171
Description  Accurate angle measurement
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5171 Datasheet(HTML) 13 Page - ams AG

Back Button AS5171 Datasheet HTML 9Page - ams AG AS5171 Datasheet HTML 10Page - ams AG AS5171 Datasheet HTML 11Page - ams AG AS5171 Datasheet HTML 12Page - ams AG AS5171 Datasheet HTML 13Page - ams AG AS5171 Datasheet HTML 14Page - ams AG AS5171 Datasheet HTML 15Page - ams AG AS5171 Datasheet HTML 16Page - ams AG AS5171 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
ams Datasheet
Page 13
[v1-01] 2016-Feb-17
Document Feedback
AS5171 − Register Description
The register description for AS5171A/B are explained below:
• Descriptions and Settings with Analog are supported by
AS5171A
• Descriptions and Settings with PWM are supported by
AS5171B
Figure 14:
Non-Volatile Memory Register Description
Address
Bit Position
Field
Description
0x0A
7:0
CUSTID0
Customer ID byte 0
0x0B
7:0
CUSTID1
Customer ID byte 1
0x0C
7:0
CUSTID2
Customer ID byte 2
0x0D
7:0
CUSTID3
Customer ID byte 3
0x0E
0
PWMINV
PWM inverted
1
PWMSR
PWM slew rate
(0 = PWM slew rate fast PWMSRF,
1 = PWM slew rate slow PWMSRS)
3:2
DIGOS
Digital output stage
(00 = PWM push-pull
01 = PWM pull-down
10 = PWM pull-up)
It applies to the AS5171B only
6:4
RBKDEB
Analog read-back debouncing
7n.a.
Not used
0x0F
0
FBS
Failure band selection (0 = lower failure band,
1 = upper failure band)
2:1
HYST
Hysteresis across the brake point
4:3
QUAD
Quadrant selection
7:5
PWMFR
PWM frequency selection
0x10
1:0
PWMRTH
PWM rising threshold tbd
3:2
PWMFTH
PWM falling threshold tbd
7:4
n.a.
Not used
0x11
4:0
n.a.
Not used
5n.a.
Not used
6n.a.
Not used
7n.a.
Not used
Register Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com