Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5171 Datasheet(PDF) 4 Page - ams AG

Part # AS5171
Description  Accurate angle measurement
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5171 Datasheet(HTML) 4 Page - ams AG

  AS5171 Datasheet HTML 1Page - ams AG AS5171 Datasheet HTML 2Page - ams AG AS5171 Datasheet HTML 3Page - ams AG AS5171 Datasheet HTML 4Page - ams AG AS5171 Datasheet HTML 5Page - ams AG AS5171 Datasheet HTML 6Page - ams AG AS5171 Datasheet HTML 7Page - ams AG AS5171 Datasheet HTML 8Page - ams AG AS5171 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
Page 4
ams Datasheet
Document Feedback
[v1-01] 2016-Feb-17
AS5171 − Pin Assignments
Figure 4:
AS5171A/B Pin Assignment (Top View, SiP)
Figure 5:
AS5171A/B Pin Description
Pin #
Pin Name
Pin Type
Description
Comments
SiP
1
VDD
Supply
Positive supply
5V supply – 100nF capacitor in SiP
Body
-TP1
n.a.
Test pin
-TP2
n.a.
Test pin
-TP3
n.a.
Test pin
3OUT
Analog output (AS5171A)
Digital output (AS5171B)
Output interface
4.7nF capacitor in SIP Body
-TP4
n.a.
Test pin
-
VDD3V3
Supply
3.3V on-chip low-dropout (LDO)
output. 100nF capacitor in SIP Body
2
GND
Supply
Ground
Connected to ground
Pin Assignments
AS5171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com