Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS431ACX-RFG Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS431ACX-RFG
Description  2.495V Programmable Shunt Voltage Reference
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS431ACX-RFG Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS431ACX-RFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS431ACX-RFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS431ACX-RFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS431ACX-RFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS431ACX-RFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS431ACX-RFG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS431ACX-RFG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS431ACX-RFG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS431ACX-RFG Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TS431
Taiwan Semiconductor
Document Number: DS_P0000235
2
Version: H15
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
LIMIT
UNIT
Cathode Voltage
(Note 1)
VKA
37
V
Continuous Cathode Current Range
IK
-100 ~ +150
mA
Reference Input Current Range
IREF
-0.05 ~ +10
mA
Power Dissipation
TO-92
PD
0.625
W
SOT-23
0.30
SOP-8
0.50
Junction Temperature
TJ
+150
°C
Operating Temperature Range
TOPER
0 ~ +70
°C
Storage Temperature Range
TSTG
-65 ~ +150
°C
RECOMMEND OPERATING CONDITION
PARAMETER
SYMBOL
LIMIT
UNIT
Cathode Voltage
VKA
Ref ~ 36
V
Continuous Cathode Current Range
IK
1 ~ 100
mA
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNIT
Reference voltage
TS431A
VREF
2.470
2.495
2.520
V
TS431B
2.483
2.507
Deviation of reference
input voltage
VKA = VREF, IK =10mA
Ta= full range
∆ VREF
--
3
17
mV
Radio of change in Vref to
change in cathode
Voltage
IKA =10mA,
VKA = 10V to VREF
VKA = 36V to 10V
∆VREF
/∆VKA
--
-1.4
-2.7
mV/V
--
-1.0
-2.0
Reference Input current
R1=10KΩ, R2= ,
IKA =10mA
Ta= full range
IREF
--
0.7
4.0
uA
Deviation of reference
input current, over temp.
R1=10KΩ, R2= ,
IKA =10mA
Ta= full range
∆IREF
--
0.4
1.2
uA
Off-state Cathode Current
VREF =0V , VKA =36V
IKA (off)
--
--
1.0
uA
VREF =0V , VKA =36V
TJ=-25°C~125°C
(Value is defined by design)
--
--
30
Dynamic Output
Impedance
f<1KHz, VKA = VREF
IKA =1mA to 100mA
| ZKA |
--
0.22
0.5
Ω
Minimum operating
cathode current
VKA = VREF
IKA (min)
--
0.4
0.6
mA
Note :
1.
Voltage values are with respect to the anode terminal unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com