Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS431ACX-RFG Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS431ACX-RFG
Description  2.495V Programmable Shunt Voltage Reference
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS431ACX-RFG Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS431ACX-RFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS431ACX-RFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS431ACX-RFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS431ACX-RFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS431ACX-RFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS431ACX-RFG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS431ACX-RFG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS431ACX-RFG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS431ACX-RFG Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TS431
Taiwan Semiconductor
Document Number: DS_P0000235
3
Version: H15
ORDERING INFORMATION
PART NO.
PACKAGE
PACKING
TS431ACT B0G
TO-92
1,000pcs / Bulk
TS431BCT B0G
TO-92
1,000pcs / Bulk
TS431ACT A3G
TO-92
2,000pcs / Ammo
TS431BCT A3G
TO-92
2,000pcs / Ammo
TS431ACX RFG
SOT-23
3,000pcs / 7” Reel
TS431BCX RFG
SOT-23
3,000pcs / 7” Reel
TS431ACS RLG
SOP-8
2,500pcs / 13” Reel
TS431BCS RLG
SOP-8
2,500pcs / 13” Reel
TS431CS RLG
SOP-8
2,500pcs / 13” Reel
Note:
1.
Compliant to RoHS Directive 2011/65/EU and in accordance to WEEE 2002/96/EC.
2.
Halogen-free according to IEC 61249-2-21 definition.
BLOCK DIAGRAM
* The deviation parameters ∆VREF and ∆IREF are defined as difference between the maximum value and minimum value
obtained over the full operating ambient temperature range that applied.
* The average temperature coefficient of the
reference input voltage, αVREF is defined as:
Where: T2-T1 = full temperature change.
αVREF can be positive or negative depending on whether the slope is positive or negative.
Example: Maximum VREF=2.496V at 30°C, minimum VREF =2.492V at 0°C, VREF =2.495V at 25°C, ΔT=70°C
αVREF | = [4mV / 2495mV] * 10
6 / 70°C ≈ 23ppm/°C
Because minimum VREF occurs at the lower temperature, the coefficient is positive.
* The dynamic impedance ZKA is defined as:
| ZKA | = ΔVKA / ΔIKA
* When the device operating with two external resistors, R1 and R2, (refer to Figure 2) the total dynamic impedance of
the circuit is given by:
| ZKA | = Δv / Δi | ≈ ZKA | * ( 1 + R1 / R2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com