Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS431ACX-RFG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS431ACX-RFG
Description  2.495V Programmable Shunt Voltage Reference
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS431ACX-RFG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS431ACX-RFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS431ACX-RFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS431ACX-RFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS431ACX-RFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS431ACX-RFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS431ACX-RFG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS431ACX-RFG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS431ACX-RFG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS431ACX-RFG Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TS431
Taiwan Semiconductor
Document Number: DS_P0000235
1
Version: H15
2.495V Programmable Shunt Voltage Reference
GENERAL DESCRIPTION
TS431
series
integrated
circuits
are
three-terminal
programmable shunt regulator diodes. These monolithic
IC voltage references operate as a low temperature
coefficient zener which is programmable from VREF to 36
volts with two external resistors. These devices exhibit a
wide operating current range of 1.0 to 100mA with a
typical dynamic impedance of 0.22Ω.
The characteristics of these references make them
excellent
replacements
for
zener
diodes
in
many
applications such as digital voltmeters, power supplies,
and op amp circuitry. The 2.5V reference makes it
convenient to obtain a stable reference from 5.0V logic
supplies, and since The TS431 series operates as a
shunt regulator, it can be used as either a positive or
negative stage reference.
FEATURES
● Precision Reference Voltage
TS431 –2.495V ±2%
TS431A – 2.495V ±1%
TS431B – 2.495V ±0.5%
● Equivalent Full Range Temp. Coefficient:
50ppm/°C
● Programmable Output Voltage up to 36V
● Fast Turn-On Response
● Sink Current Capability of 1~100mA
● Low Dynamic Output Impedance: 0.2Ω
● Low Output Noise
APPLICATION
● SMPS
● Lighting
● Telecommunication
● Home appliance
TO-92
Pin Definition:
1. Reference
2. Anode
3. Cathode
SOT-23
Pin Definition:
1. Reference
2. Cathode
3. Anode
SOP-8
Pin Definition
1. Cathode
5. N/C
2. Anode
6. Anode
3. Anode
7. Anode
4. N/C
8. Reference
Notes:
1. Moisture sensitivity level: level 3. Per J-STD-020 (SOP-8)
2. Moisture sensitivity level: level 1. Per J-STD-020 (SOT-23)
TYPICAL APPLICATIN CIRCUIT


Similar Part No. - TS431ACX-RFG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS431ACX-ZRFG TSC-TS431ACX-ZRFG Datasheet
552Kb / 10P
Adjustable Precision Shunt Regulator
TS431ACX-ZRFG TSC-TS431ACX-ZRFG Datasheet
573Kb / 10P
Adjustable Precision Shunt Regulator
More results

Similar Description - TS431ACX-RFG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS2431 STMICROELECTRONICS-TS2431 Datasheet
278Kb / 6P
PROGRAMMABLE SHUNT VOLTAGE REFERENCE
Feb-2002
logo
Semtech Corporation
SC4041 SEMTECH-SC4041 Datasheet
139Kb / 6P
PRECISION SHUNT VOLTAGE REFERENCE
logo
Advanced Monolithic Sys...
AMS4041 ADMOS-AMS4041 Datasheet
61Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
logo
STMicroelectronics
TS3431 STMICROELECTRONICS-TS3431 Datasheet
333Kb / 11P
1.24V Programmable Shunt Voltage Reference
Dec-2004
TS3431 STMICROELECTRONICS-TS3431_07 Datasheet
145Kb / 10P
1.24V programmable shunt voltage reference
26-Jun-2007
logo
Analog Microelectronics
AME40 AME-AME40_1 Datasheet
181Kb / 14P
Shunt Bandgap Voltage Reference
AME41-ADJ AME-AME41-ADJ_1 Datasheet
164Kb / 12P
Shunt Bandgap Voltage Reference
logo
Advanced Monolithic Sys...
AMS4041 ADMOS-AMS4041_1 Datasheet
61Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
logo
STMicroelectronics
TLVH431 STMICROELECTRONICS-TLVH431 Datasheet
823Kb / 15P
Programmable shunt voltage reference
23-Nov-2015
logo
Taiwan Semiconductor Co...
TS431XRIX-Z TSC-TS431XRIX-Z Datasheet
449Kb / 7P
2.495V Programmable Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com