Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS431ACX-RFG Datasheet(PDF) 10 Page - Taiwan Semiconductor Company, Ltd

Part # TS431ACX-RFG
Description  2.495V Programmable Shunt Voltage Reference
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS431ACX-RFG Datasheet(HTML) 10 Page - Taiwan Semiconductor Company, Ltd

Back Button TS431ACX-RFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS431ACX-RFG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS431ACX-RFG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS431ACX-RFG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS431ACX-RFG Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS431ACX-RFG Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS431ACX-RFG Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd TS431ACX-RFG Datasheet HTML 12Page - Taiwan Semiconductor Company, Ltd TS431ACX-RFG Datasheet HTML 13Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
TS431
Taiwan Semiconductor
Document Number: DS_P0000235
10
Version: H15
PACKAGE OUTLINE DIMENSIONS (Unit: Millimeters)
SOT-23
SUGGESTED PAD LAYOUT (Unit: Millimeters)
MARKING DIAGRAM
1
= Device Code
X = Tolerance Code
(A = ±1%, B = ±0.5%, Blank = ±2%)
Y = Year Code
M = Month Code for Halogen Free Product
O =Jan
P =Feb
Q =Mar
R =Apr
S =May
T =Jun
U =Jul
V =Aug
W =Sep
X =Oct
Y =Nov
Z =Dec
L
= Lot Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com