Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS431ACX-RFG Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS431ACX-RFG
Description  2.495V Programmable Shunt Voltage Reference
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS431ACX-RFG Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS431ACX-RFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS431ACX-RFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS431ACX-RFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS431ACX-RFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS431ACX-RFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS431ACX-RFG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS431ACX-RFG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS431ACX-RFG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS431ACX-RFG Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TS431
Taiwan Semiconductor
Document Number: DS_P0000235
4
Version: H15
ADDITIONAL INFORMATION – STABILITY
When The TS431/431A/431B is used as a shunt regulator, there are two options for selection of CL, are recommended for
optional stability:
A)
No load capacitance across the device, decouple at the load.
B)
Large capacitance across the device, optional decoupling at the load.
The reason for this is that TS431/431A/431B exhibits instability with capacitances in the range of 10nF to 1uF (approx.) at light
cathode current up to 3mA (typ). The device is less stable the lower the cathode voltage has been set for. Therefore while the
device will be perfectly stable operating at a cathode current of 10mA (approx.) with a 0.1uF capacitor across it, it will oscillate
transiently during start up as the cathode current passes through the instability region. Select a very low capacitance, or
alternatively a high capacitance (10uF) will avoid this issue altogether. Since the user will probably wish to have local
decoupling at the load anyway, the most cost effective method is to use no capacitance at all directly across the device. PCB
trace/via resistance and inductance prevent the local load decoupling from causing the oscillation during the transient start up
phase.
Note: if the TS431/431A/431B is located right at the load, so the load decoupling capacitor is directly across it, then this
capacitor will have to be ≤1nF or ≥10uF.
APPLICATIONS EXAMPLES
Figure 1. Voltage Monitor
Figure 2. Output Control for Three Terminal Fixed
Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com