Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3VDP612 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3VDP612
Description  High Bandwidth 6-differential Channel, 1:2 Demux for DisplayPortTM rev 1.1a Signal Switching
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VDP612 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3VDP612 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3VDP612 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3VDP612 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VDP612 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VDP612 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3VDP612 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3VDP612 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3VDP612 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3VDP612 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
PS8928D
11/03/10
PI3VDP612
High Bandwidth 6-differential channel, 1:2 Demux
for DisplayPortTM rev 1.1a Signal Switching
Application Example for single mode DP support
Truth Table (SEL control)
Function
SEL
Port A is active
L
Port B is active
H
Notebook
DISPLAY
PORT
DISPLAY
PORT TX
DOCKING
CONNECTOR
HPD
5-Differential
LED
HPD
LED
LED
Driver
HPD
+
-
GND/3.3V
100kΩ
x2
GND/3.3V
100kΩ
x2
VDD
1.2V Max Vswing
Min Vswing
0V
Vbias_Tx
50
Ω
50
Ω
Note: if the Max Vswing (in single-ended mode) of the signals to
PI3VDP612 exceeds 1.2V, then AC coupling capacitors are needed
between the 50ohm terminations and PI3VDP612.
+
-
Truth Table (Latch control)
LE
SEL
0
Responds to changes on SEL
1
Latched
AUX
Driver
DDC
Driver
Intel Chipset
CAB_DET
AUX/DDC
Dual Mode DP
PI3C3306
1Mohm
Dual
Mode
DP
Dual
Mode
DP
CAB_DET1
CAB_DET2
Dual Mode DP #1
Dual Mode DP #2
AUX/DDC #1
AUX/DDC #2
PI3VDP612
Application Example for Dual Mode Display Port Support
11-0002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com