Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3VDP612 Datasheet(PDF) 11 Page - Pericom Semiconductor Corporation

Part # PI3VDP612
Description  High Bandwidth 6-differential Channel, 1:2 Demux for DisplayPortTM rev 1.1a Signal Switching
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VDP612 Datasheet(HTML) 11 Page - Pericom Semiconductor Corporation

Back Button PI3VDP612 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3VDP612 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3VDP612 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3VDP612 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3VDP612 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI3VDP612 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI3VDP612 Datasheet HTML 13Page - Pericom Semiconductor Corporation PI3VDP612 Datasheet HTML 14Page - Pericom Semiconductor Corporation PI3VDP612 Datasheet HTML 15Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
PS8928D
11/03/10
PI3VDP612
High Bandwidth 6-differential channel, 1:2 Demux
for DisplayPortTM rev 1.1a Signal Switching
Switching Characteristics (TA= -40º to +85ºC, VDD = 3.3V±10%)
Paramenter
Description
Min.
Max.
Units
tPZH, tPZL
Line Enable Time
0.5
15.0
ns
tPHZ, tPLZ
Line Disable Time
0.5
15.0
Tpd
Propagation delay (input pin to output pin)
200
ps
tb-b
Bit-to-bit skew within the same differential pair
7
ps
tch-ch
Channel-to-channel skew
50
ps
RT
4pF
CL
VDD
VIN
VOUT
200-ohm
200-ohm
6.0V
Pulse
Generator
D.U.T
Test Circuit for Electrical Characteristics(1-5)
Notes:
1. CL = Load capacitance: includes jig and probe capacitance.
2. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator
3. Output 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
output 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
4. All input impulses are supplied by generators having the following characteristics: PRR ≤ MHz, ZO = 50Ω, tR ≤ 2.5ns, tF ≤ 2.5ns.
5. The outputs are measured one at a time with one transition per measurement.
Switch Positions
Test
Switch
tPLZ, tPZL (output on B-side)
6.0V
tPHZ, tPZH (output on B-side)
GND
Prop Delay
Open
Switching Waveforms
Voltage Waveforms Enable and Disable Times
tPLZ
VDD/2
VDD/2
VDD
VOH
0V
VOL
VDD/2
VDD/2
tPHZ
tPZL
tPZH
Output 1
Output 2
VOL
VOH
SEL
VOL + 0.3V
VOH – 0.3V
11-0002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com