Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3VDP612 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI3VDP612
Description  High Bandwidth 6-differential Channel, 1:2 Demux for DisplayPortTM rev 1.1a Signal Switching
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VDP612 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI3VDP612 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3VDP612 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3VDP612 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VDP612 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VDP612 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3VDP612 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3VDP612 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3VDP612 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3VDP612 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
PS8928D
11/03/10
PI3VDP612
High Bandwidth 6-differential channel, 1:2 Demux
for DisplayPortTM rev 1.1a Signal Switching
Storage Temperature ....................................................–65°C to +150°C
Supply Voltage to Ground Potential ................................–0.5V to +3.6V
DC Input Voltage ..............................................................–0.7V to 3.6V
DC Output Current .......................................................................120mA
Power Dissipation ...........................................................................0.5W
Note: Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device. This
is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Expo-
sure to absolute maximum rating conditions for extended
periods may affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
DC Electrical Characteristics for Switching over Operating Range (TA = –40°C to +85°C, VDD =
3.3V +/-10%)
Paramenter Description
Test Conditions(1)
Min
Typ(2) Max
Units
VIH
Input HIGH Voltage
Guaranteed HIGH level
1.6
V
VIL
Input LOW Voltage
Guaranteed LOW level
0.75
VIK
Clamp Diode Voltage
VDD = Max., IIN = –18mA
–0.7
–1.2
IIH
Input HIGH Current
VDD = Max., VIN = VDD
±5
µA
IIL
Input LOW Current
VDD = Max., VIN = GND
±5
RON
On resistance between input
to output
VDD = 3.0V, -0.6V<VINPUT<0.6V
VDD = 3.0V, 1.0V<VINPUT<1.5V
7
10
Ohm
Ohm
Dynamic Electrical Characteristics Over the Operating Range (TA= -40º to +85ºC, VDD = 3.3V
+/-10%, GND=0V)
Parameter
Description
Test Conditions
Typ.(2) Units
XTALK
Crosstalk on High Speed Channels
See Fig. 1 for Measurement
Setup
f= 1.35 GHz
-33dB
dB
f = 100 MHz
-48dB
OIRR
OFF Isolation on High Speed Channels See Fig. 2 for Measurement
Setup,
f= 1.35 GHz
-33dB
f = 100 MHz
-56dB
ILOSS
Differential Insertion Loss on High
Speed Channels
@2.7Gbps (see figure 3)
-1.5
dB
BW_Dx±
Bandwidth -3dB for Main high speed
path (Dx±)
See figure 3
3.25
GHz
BW_AUX/HPD
-3dB BW for AUX and HPD signals
See figure 3
1.5
GHz
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VDD = 3.3V, TA = 25°C ambient and maximum loading.
Power Supply Characteristics
Parameters
Description
Test Conditions(1)
Min.
Typ.(2) Max.
Units
ICC
Quiescent Power Supply Current
VDD = Max., VIN = GND or VDD
40
100
µA
11-0002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com