Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3VDP612 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3VDP612
Description  High Bandwidth 6-differential Channel, 1:2 Demux for DisplayPortTM rev 1.1a Signal Switching
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VDP612 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3VDP612 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3VDP612 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3VDP612 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VDP612 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VDP612 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3VDP612 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3VDP612 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3VDP612 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3VDP612 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
PS8928D
11/03/10
PI3VDP612
High Bandwidth 6-differential channel, 1:2 Demux
for DisplayPortTM rev 1.1a Signal Switching
Pin #
Pin Name
Signal Type
Description
26
VDD
Power
3.3V Power Supply
GND
Power
Ground
27
D3-B
I/O
Negative Lane3 signal for Port B
28
D3+B
I/O
Positive Lane3 signal for Port B
29
D2-B
I/O
Negative Lane2 signal for Port B
30
D2+B
I/O
Positive Lane2 signal for Port B
31
D1-B
I/O
Negative Lane1 signal for Port B
32
D1+B
I/O
Positive Lane1 signal for Port B
33
D0-B
I/O
Negative Lane0 signal for Port B
34
D0+B
I/O
Positive Lane0 signal for Port B
35
D3-A
I/O
Negative Lane3 signal for Port A
36
D3+A
I/O
Positive Lane3 signal for Port A
37
D2-A
I/O
Negative Lane2 signal for Port A
38
D2+A
I/O
Positive Lane2 signal for Port A
GND
Power
Ground
GND
Power
Ground
39
VDD
Power
3.3V Power Supply
40
D1-A
I/O
Negative Lane1 signal for Port A
41
D1+A
I/O
Positive Lane1 signal for Port A
42
D0-A
I/O
Negative Lane0 signal for Port A
1
D0+A
I/O
Positive Lane0 signal for Port B
VDD
Power
3.3V Power Supply
GND
Power
Ground
11-0002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com