Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3VDP612 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3VDP612
Description  High Bandwidth 6-differential Channel, 1:2 Demux for DisplayPortTM rev 1.1a Signal Switching
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VDP612 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3VDP612 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3VDP612 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3VDP612 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VDP612 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VDP612 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3VDP612 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3VDP612 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3VDP612 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3VDP612 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
PS8928D
11/03/10
Features
• 4 Differential Channel, 1:2 DeMux that will support
2.7Gbps DP rev 1.1a signals
• 1-channel 1:2 demux for DP_HPD signal
• 1-differential channel 1:2 demux for DP_Aux signal
• Insertion Loss for high speed channels @ 2.7 Gbps: -1.5dB
• Hot Insertion Cable
• -3dB Bandwith for high speed channels of 3.25 Ghz
• Low Bit-to-Bit Skew , 7ps max (between '+' and '-' bits)
• Low Crosstalk for high speed channels: -33dB@2.7 Gbps
• Low Off Isolation for high speed channels: -26dB@2.7 Gbps
• VDD Operating Range: 3.3V +/-10%
• ESD Tolerance: 8kV contact on all data I/O pins per
IEC61000-4-2 Specification
• Low channel-to-channel skew, 35ps max
• Packaging (Pb-free & Green):
-42 TQFN (ZHE)
Description
Pericom Semiconductor’s PI3VDP612, one to two Demux is
targeted for next generation digital video signals. This device
can be used to connect a Display Port Source to two Independent
Display Port Sinks.
The newly released Display Port spec requires a data rate of
2.7 Gbps with AC coupled I/Os. Pericom's solution has been
specifically designed around this standard and will support such
signals.
Application
Routing of Display Port signals with low signal attenuation be-
tween notebook DP connector and docking station DP connector.
Block Diagram
Pin Description - 42-Pin
D0+
D0
D1+
D1
D2+
D2-
D3+
D3-
AUX+
AUX-
HPD
CAB_DET/LED
D0+A
D0
-A
D1+A
D1
-A
D0+B
D0-B
D1+B
D1-B
D2+A
D2-A
D3+A
D3-A
D2+B
D2-B
D3+B
D3-B
SEL
-
-
Logic
Control
LE
AUX+ A
AUX- A
HPD A
CAB_DETA/LEDA
AUX+ B
AUX- B
HPD B
CAB_DETB/LEDB
D0+A
D0+
D0-
D1+
D1-
VDD
D2+
D2-
D3+
D3-
VDD
AUX+
AUX-
HPD
CAB_DET/LED
SEL
LE
D2+A
D2-A
D3+A
D3-A
D0+B
D0-B
D1+B
D1-B
D2+B
D2-B
D3+B
D3-B
VDD
AUX+A
AUX-A
HPD_ A
CAB_DETA/LED_A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
GND
PI3VDP612
High Bandwidth 6-differential Channel, 1:2 Demux
for DisplayPortTM rev 1.1a Signal Switching
11-0002


Similar Part No. - PI3VDP612

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3VDP612-A PERICOM-PI3VDP612-A Datasheet
91Kb / 2P
4-Lane DisplayPort Rev 1.1a Compliant Switch with Triple Control Logic for Fast Switching
PI3VDP612-AZFE PERICOM-PI3VDP612-AZFE Datasheet
1Mb / 16P
4-Lane DisplayPort Rev 1.1a Compliant Switch with Triple Control Logic for Fast Switching
PI3VDP612-AZHE PERICOM-PI3VDP612-AZHE Datasheet
1Mb / 16P
4-Lane DisplayPort Rev 1.1a Compliant Switch with Triple Control Logic for Fast Switching
PI3VDP612-A PERICOM-PI3VDP612-A_11 Datasheet
1Mb / 16P
4-Lane DisplayPort Rev 1.1a Compliant Switch with Triple Control Logic for Fast Switching
More results

Similar Description - PI3VDP612

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3PCIE3415 PERICOM-PI3PCIE3415 Datasheet
498Kb / 2P
4 Differential Channel, 2:1 Mux/DeMux
logo
Texas Instruments
HD3SS3212 TI1-HD3SS3212_16 Datasheet
1Mb / 26P
Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3411 TI1-HD3SS3411 Datasheet
1Mb / 21P
One Channel Differential 2:1 Mux/Demux
logo
Pericom Semiconductor C...
PI2DBS212 PERICOM-PI2DBS212_14 Datasheet
1Mb / 10P
2.0GHz, Differential Broadband Signal Switch, 2-Differential Channel, 2:1 Mux/DeMux Switch
logo
Texas Instruments
HD3SS3212 TI1-HD3SS3212 Datasheet
1Mb / 26P
Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3411-Q1 TI1-HD3SS3411-Q1 Datasheet
1Mb / 23P
One Channel Differential 2:1 Mux/Demux
HD3SS3202 TI1-HD3SS3202 Datasheet
1Mb / 25P
Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3212-Q1 TI1-HD3SS3212-Q1 Datasheet
1Mb / 25P
Two-Channel Differential 2:1/1:2 USB3.2 Mux/Demux
TMUXHS4212 TI1-TMUXHS4212 Datasheet
4Mb / 26P
TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
TMUXHS4212 TI1-TMUXHS4212_V01 Datasheet
5Mb / 30P
TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com