Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB2544A Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI5USB2544A
Description  USB Charging Port Controller and Load Detection Power Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5USB2544A Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI5USB2544A Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||
2015-08-0012
PT0513-3
8/31/15
4
PI5USB2544A, PI5USB2546A
USB Charging Port Controller and Load Detection Power Switch
Electrical Characteristics
4.5V≤V
IN≤5.5V; TJ=-40°C to +125°C; VEN =VIN, VILIM_SEL=VIN, VCTL1= VCTL2= VCTL3=VIN, R/FAULT=R/STATUS=10kΩ, RILIM_HI=20kΩ,
RILIM_LO=80.6kΩ, Positive currents are into pins. Typical values are at 25°C. All voltages are with respect to GND. unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Unit
Power Switch
RDS(on)
On Resistance
(1)
TJ = 25
oC, I
OUT = 2A
73
84
mΩ
-40
oC ≤ T
J ≤ 85
oC, I
OUT = 2A
73
105
-40
oC ≤ T
J ≤ 125
oC, I
OUT = 2A
73
120
tr
OUT voltage rise time
VIN = 5V, CL = 1μF, RL = 100Ω
0.7
1.0
1.60
ms
tf
OUT voltage fall time
0.2
0.35
0.5
ton
OUT voltage turn-on time
VIN = 5V, CL = 1μF, RL = 100Ω
2.7
4
ms
toff
OUT voltage turn-off time
1.7
3
IREV
Reverse leakage current
VOUT = 5.5V, VIN = VEN = 0V,
-40
oC ≤ T
J ≤ 85
oC, Measure I
OUT
2
μA
Discharge
RDCHG
OUT discharge resistance
VOUT = 4V, VEN = 0V
400
500
630
Ω
tDCHG
OUT discharge hold time
Time VOUT< 0.7V
1.30
2.0
2.9
s
EN, ILIM_SEL, CTL1,CTL2, CTL3, inputs
Input pin rising logic
threshold voltage
-
1
1.35
1.70
V
Input pin falling logic
threshold voltage
-
0.85
1.15
1.45
V
Hysteresis
(2)
-
-
200
-
mV
Input current
Pin voltage= 0V to 5.5V
-0.5
-
0.5
µA
(1)
Pulse-testing techniques maintain junction temperature close to ambient temperature; Thermal effects must be taken into account separately
(2)
These parameters are provided for reference only and do not constitute part of Pericom's published device specifications for purposes of Pericom's product
warranty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com