Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB2544A Datasheet(PDF) 24 Page - Pericom Semiconductor Corporation

Part # PI5USB2544A
Description  USB Charging Port Controller and Load Detection Power Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5USB2544A Datasheet(HTML) 24 Page - Pericom Semiconductor Corporation

Back Button PI5USB2544A Datasheet HTML 20Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 21Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 22Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 23Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 24Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 25Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 26Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 27Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 28Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||
2015-08-0012
PT0513-3
8/31/15
24
PI5USB2544A, PI5USB2546A
USB Charging Port Controller and Load Detection Power Switch
Figure 8, Case 2A: System in S4/S5, No Device Attached
Figure 9, Case 2B: System in S4/S5, Attached Device Fully Charged
Peripheral
Device
Charging
DC/DC Disconnected/Shut-
Down LDO Switch-In
Note: DC/DC and LDO switch
based on STATUS.
Power Block
19V
OU
EN
GN
EN
5V DC/DC
5V LDO
IN
System
Controller
DM
DM
DP
DP_
OC
DM
I/O_EN
STATUS
FAULT
DM_OUT
DP_OUT
EN
CTL1
CTL2
CTL3
ILIM_SEL
PI5USB2546A
/PI5USB2546A
OUT
DM_IN
DP_IN
GND
ILIM_LO
OC
ILIM_HI
VBUS
D-
D+
GND
0011
1Loa
Ilimit set to 55mA when charging
current falls to <45mA and
stays<45mA for 15sCTL1
Turn HIGH
after 15s
Peripheral
Device
Charging
DC/DC Disconnected/Shut-
Down LDO Switch-In
Note: DC/DC and LDO switch
based on STATUS.
Power Block
19V
EN
EN
5V DC/DC
5V LDO
IN
System
Controller
DM
DP
OC
I/O_EN
STATUS
FAULT
DM_OUT
Driver
DP_OUT
EN
CTL1
CTL2
CTL3
ILIM_SEL
PI5USB2546A
/PI5USB2546A
OUT
8ms-
DM_IN
DP_IN
GND
ILIM_LO
ILIM_HI
VBUS
D-
OC
D+
The
GND
8ms-
0011
1
Ilimit set to 55mA when charging
current falls to <45mA and
stays<45mA for 15s
Turn HIGH
after 15s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com