Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB2544A Datasheet(PDF) 21 Page - Pericom Semiconductor Corporation

Part # PI5USB2544A
Description  USB Charging Port Controller and Load Detection Power Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5USB2544A Datasheet(HTML) 21 Page - Pericom Semiconductor Corporation

Back Button PI5USB2544A Datasheet HTML 17Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 18Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 19Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 20Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 21Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 22Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 23Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 24Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 25Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||
2015-08-0012
PT0513-3
8/31/15
21
PI5USB2544A, PI5USB2546A
USB Charging Port Controller and Load Detection Power Switch
PI5USB2544A Control Pin Setting Matched to System Power States
System Global
Power State
Charging Mode
CTL1
CTL2
CTL3
ILIM_SEL
Current Limit
Setting
S0
SDP1
1
1
0
1 or 0
ILIM_HI/ILIM_LO
S0
SDP2, no discharge to/from CDP
1
1
1
0
ILIM_LO
S0
CDP
1
1
1
1
ILIM_HI
S3/S4/S5
Auto mode
0
0
1
0
ILIM_HI
S3
Auto mode, keyboard/mouse wake up,
no load detection
0
1
1
0
ILIM_HI
S3
SDP1, keyboard/mouse wake up
0
1
0
1 or 0
ILIM_HI/ILIM_LO
Load Detect (PI5USB2546A)
PI5USB2546A offer system designers unique power management strategy not available in the industry from similar devices.
There are two power management schemes supported by the PI5USB2546A via the /STATUS pin, they are:
1.
Power Wake (PW)
2.
Port Power Management (PPM)
Either feature may be implemented in a system depending on power savings goals for the system. In general Power Wake
feature is used mainly in mobile systems like a notebook where it is imperative to save battery power when system is in deep
sleep (S4/S5) state. On the other hand Port Power Management feature would be implemented where multiple charging ports
are supported in the same system and system power rating is not capable of supporting high current charging on multiple ports
simultaneously.
Power Wake (PI5USB2546A)
Goal of power wake feature is to save system power when system is in S4/S5 state. In S4/S5 state system is in deep sleep and
typically running of the battery; so every “mW” in system power savings will translate to extending battery life. In this state the
PI5USB2546A will monitor charging current at the OUT pin and provide a mechanism via the /STATUS pin to switch out the
high power DC-DC controller and switch in a low power LDO when charging current requirement is <45mA (typ.). This would
be the case when no peripheral device is connected at the charging port or if a device has attained its full battery charge and
draws <45mA. Power wake flow chart and description is shown as Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com