Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB2544A Datasheet(PDF) 20 Page - Pericom Semiconductor Corporation

Part # PI5USB2544A
Description  USB Charging Port Controller and Load Detection Power Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5USB2544A Datasheet(HTML) 20 Page - Pericom Semiconductor Corporation

Back Button PI5USB2544A Datasheet HTML 16Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 17Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 18Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 19Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 20Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 21Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 22Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 23Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 24Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||
2015-08-0012
PT0513-3
8/31/15
20
PI5USB2544A, PI5USB2546A
USB Charging Port Controller and Load Detection Power Switch
PI5USB2544A Device Control Pins Truth Table
CTL1
CTL2
CTL3
ILIM_SEL
MODE
Current Limit
Setting
Comment
0
0
0
0
Discharge
NA
OUT held low
0
0
0
1
Discharge
NA
0
x
1
x
DCP_Auto
ILIM_HI
Data lines disconnected
0
1
0
0
SDP1
ILIM_LO
Data lines connected
0
1
0
1
SDP1
ILIM_HI
0
1
1
0
DCP_Auto
ILIM_HI
Data lines disconnected
0
1
1
1
DCP_Auto
ILIM_HI
Data lines disconnected
1
0
0
0
DCP_Shorted
ILIM_LO
Device forced to stay in DCP BC1.2
charging mode
1
0
0
1
DCP_Shorted
ILIM_HI
1
0
1
0
Divider-1A
ILIM_LO
Device forced to stay in Divider-1A
charging mode
1
0
1
1
Divider-1A
ILIM_HI
1
1
0
0
SDP1
ILIM_LO
Data lines connected
1
1
0
1
SDP1
ILIM_HI
1
1
1
0
SDP2
(1)
ILIM_LO
1
1
1
1
CDP
(1)
ILIM_HI
Data lines connected
Note:
(1) No OUT discharge when changing between 1111 and 1110.
Below tables can be used as an aid to program the PI5USB2544A/2546A per system states however not restricted to below
settings only.
PI5USB2546A Control Pin Setting Matched to System Power States
System Global
Power State
Charging Mode
CTL1
CTL2
CTL3
ILIM_SEL
Current Limit
Setting
S0
SDP1
1
1
0
1 or 0
ILIM_HI/ILIM_LO
S0
SDP2, no discharge to/from CDP
1
1
1
0
ILIM_LO
S0
CDP, load detection with ILIM_LO +
25mA thresholds or if a BC1.2 primary
detection occurs
1
1
1
1
ILIM_HI
S4/S5
Auto mode, load detection with power
wake thresholds
0
0
1
1
ILIM_HI
S3/S4/S5
Auto mode, no load detection
0
0
1
0
ILIM_HI
S3
Auto mode, keyboard/mouse wake up,
load detection with ILIM_LO + 25mA
thresholds
0
1
1
1
ILIM_HI
S3
Auto mode, keyboard/mouse wake up,
no load detection
0
1
1
0
ILIM_HI
S3
SDP1, keyboard/mouse wake up
0
1
0
1 or 0
ILIM_HI/ILIM_LO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com