Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB2544A Datasheet(PDF) 17 Page - Pericom Semiconductor Corporation

Part # PI5USB2544A
Description  USB Charging Port Controller and Load Detection Power Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5USB2544A Datasheet(HTML) 17 Page - Pericom Semiconductor Corporation

Back Button PI5USB2544A Datasheet HTML 13Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 14Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 15Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 16Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 17Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 18Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 19Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 20Page - Pericom Semiconductor Corporation PI5USB2544A Datasheet HTML 21Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||
2015-08-0012
PT0513-3
8/31/15
17
PI5USB2544A, PI5USB2546A
USB Charging Port Controller and Load Detection Power Switch
Wake on USB Feature (Mouse/Keyboard Wake Feature)
USB 2.0 Background Information
The PI5USB2544A/2546A data lines interface with USB 2.0 devices. USB 2.0 defines three types of devices according to data
rate. These devices and their characteristics relevant to PI5USB2544A/2546A series Wake on USB operation are shown below:
Low-speed USB devices
1.5 Mb/s
Wired mice and keyboards are examples
No devices that need battery charging
All signaling performed at 2.0V and 0.8V hi/lo logic levels
D- high to signal connect and when placed into suspend
D- high when not transmitting data packets
Full-speed USB devices
12 Mb/s
Wireless mice and keyboards are examples
Legacy phones and music players are examples
Some legacy devices that need battery charging
All signaling performed at 2.0V and 0.8V hi/lo logic levels
D+ high to signal connect and when placed into suspend
D+ high when not transmitting data packets
High-speed USB devices
480 Mb/s
Tablets, phones and music players are examples
Many devices that need battery charging
Connect and suspend signaling performed at 2.0V and 0.8V hi/lo logic levels
Data packet signaling performed a logic levels below 0.8V
D+ high to signal connect and when placed into suspend (same as a full-speed device)
D+ and D- low when not transmitting data packets
Wake On USB
Wake on USB is the ability of a wake configured USB device to wake a computer system from its S3 sleep state back to its S0
working state. Wake on USB requires the data lines to be connected to the system USB host before the system is placed into its
S3 sleep state and remain continuously connected until they are used to wake the system.
The PI5USB2544A/2546A supports low and full speed HID (human interface device like mouse/key board) wake function.
There are two scenarios under which wake on mouse are supported by the PI5USB2544A/2546A series. The specific CTL pin
changes that the PI5USB2544A/2546A will override are shown below. The information is presented as CTL1, CTL2 and
CTL3.The ILIM_SEL pin plays no role
1.
111 (CDP/SDP2) to 011 (DCP-Auto)
2.
110/010 (SDP1) to 011 (DCP-Auto)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com