Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRD25 Datasheet(PDF) 2 Page - CUI INC

Part # PRD25
Description  DC-DC CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRD25 Datasheet(HTML) 2 Page - CUI INC

  PRD25 Datasheet HTML 1Page - CUI INC PRD25 Datasheet HTML 2Page - CUI INC PRD25 Datasheet HTML 3Page - CUI INC PRD25 Datasheet HTML 4Page - CUI INC PRD25 Datasheet HTML 5Page - CUI INC PRD25 Datasheet HTML 6Page - CUI INC PRD25 Datasheet HTML 7Page - CUI INC PRD25 Datasheet HTML 8Page - CUI INC PRD25 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
cui.com
date 05/20/2016
│ page 2 of 13
CUI Inc
│ SERIES: PRD25 │ DESCRIPTION: DC-DC CONVERTER
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
36
48
75
Vdc
current
at nominal Vin
3.3 Vdc output models
5 Vdc output models
12 Vdc output models
0.81
0.79
0.842
A
A
A
start-up voltage
rising input voltage
3.3, 12 Vdc output models
5 Vdc output models
34
34
35.2
35
36
36
Vdc
Vdc
under voltage shutdown
falling input voltage
3.3, 12 Vdc output models
5 Vdc output models
32
32
34
33.5
35.2
34.5
Vdc
Vdc
remote on/off1
3.3 Vdc output models
positive logic
ON(10~15Vdcoropencircuit)
OFF(-0.7~1.2Vdc)
negative logic
ON(-0.7~1.2Vdc)
OFF(10~15Vdcoropencircuit)
5, 12 Vdc output models
positive logic
ON(10~15Vdcoropencircuit)
OFF(-0.7~0.7Vdc)
negative logic
ON(-0.7~0.8Vdc)
OFF(10~15Vdcoropencircuit)
filter
3.3,5Vdcoutputmodels:LCfilter
12Vdcoutputmodels:capacitancefilter
input reverse polarity protection no
input fuse
recommended to add 1.5 A fast blow fuse
Notes:
1.On/Offcurrentis1mA.
OUTPUT
parameter
conditions/description
min
typ
max
units
maximum capacitive load
lowESR<0.02Ω,fullload
3.3, 5 Vdc output models
12 Vdc output models
2,000
470
μF
μF
line regulation
50% load, input voltage from low to high
3.3, 5 Vdc output models
12 Vdc output models
±0.1
±0.075
%
%
load regulation
at nominal Vin, 0~100% load
3.3, 5 Vdc output models
12 Vdc output models
±0.2
±0.05
%
%
voltage accuracy
at 50% load
±1
%
start-up time
50
ms
adjustability
see application notes
±10
%
switching frequency
3.3, 5 Vdc output models
12 Vdc output models
300
295
330
325
360
355
kHz
kHz
dynamic load response
50-75-50% load change to 2% Vout
3.3 Vdc output models
5 Vdc output models
180
200
250
µs
µs
50-75-50% load change to 1% Vout
12 Vdc output models
100
200
µs
temperaturecoefficient
±0.02
%/°C
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com