Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRD25 Datasheet(PDF) 3 Page - CUI INC

Part # PRD25
Description  DC-DC CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRD25 Datasheet(HTML) 3 Page - CUI INC

  PRD25 Datasheet HTML 1Page - CUI INC PRD25 Datasheet HTML 2Page - CUI INC PRD25 Datasheet HTML 3Page - CUI INC PRD25 Datasheet HTML 4Page - CUI INC PRD25 Datasheet HTML 5Page - CUI INC PRD25 Datasheet HTML 6Page - CUI INC PRD25 Datasheet HTML 7Page - CUI INC PRD25 Datasheet HTML 8Page - CUI INC PRD25 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
cui.com
date 05/20/2016
│ page 3 of 13
CUI Inc
│ SERIES: PRD25 │ DESCRIPTION: DC-DC CONVERTER
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
via magnetic feedback
3.3 Vdc output models
5 Vdc output models
12 Vdc output models
4.2
6
14
5
6.5
19
5.7
7.5
22
Vdc
Vdc
Vdc
over current protection
current limiting
3.3 Vdc output models
5 Vdc output models
12 Vdc output models
8.5
5.3
2.3
10
6.8
3
11
7.3
3.4
A
A
A
short circuit protection
current limiting, hiccup auto restart
0.3
A
over temperature protection
3.3, 5 Vdc output models
12 Vdc output models
110
130
115
135
120
150
°C
°C
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output, continuous, basic insulation
2,250
Vdc
isolation resistance
10
MΩ
isolation capacitance
3.3 Vdc output models
5 Vdc output models
12 Vdc output models
1,000
2,000
1,700
pF
pF
pF
safety approvals
UL60950-1,2ndEdition
LVD
2006/95/EC(CEmark)
conducted emissions1
EN55022/CISPR22,ClassB
(externalcircuitrequired,seeFigure3)
radiated emissions1
EN55022/CISPR22,ClassB
(externalcircuitrequired,seeFigure3)
MTBF
asperTelcordiaSR-332Method1,Case3,ground
fixedconditions,Ta=40°C
2,000,000
hours
RoHS
2011/65/EU
Notes:
1.Layoutandtheenvironmentplayaninfluentialrolewiththefilter’sperformance.Performancewilldependontheuser’sPCBlayout,thechassisshieldingenvironment,
choice of external components, and other circuits present.
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curves
-40
85
°C
storage temperature
-55
125
°C
operating humidity
non-condensing
10
90
%
altitude
derates 1% /1000 ft
-500
-152
10,000
3048
ft
m
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com